Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 5 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 3. AEK-MOT-TK200G1 circuit schematic (2 of 5)
GL1B
2
3
SH1B
4
GH1B
5
GH2B
6
SH2B
GL2B
7
48
PWMH1B
49
PWMH2B
50
PWMH1A
51
PWMH2A
GL1A
58
59
SH1A
60
GH1A
61
GH2A
62
SH2A
GL2A
63
U2B
L99DZ200G
2
Q6A
4
Q6B
2
Q7A
4
Q7B
R22
62R
R20
100k
R23
62R
R21
100k
R11
62R
R13
100k
R12
62R
R14
100k
R15
NM
C18
NM
R16
NM
C19
NM
R18
NM
C20
NM
R19
NM
C21
NM
GND
GND
GND
GND
D9
STTH3R02AFY
D8
STTH3R02AFY
2
Q8A
4
Q8B
2
Q9A
4
Q9B
R35
62R
R33
100k
R36
62R
R34
100k
R24
62R
R26
100k
R25
62R
R27
100k
R28
NM
C25
NM
R29
NM
C26
NM
R31
NM
C27
NM
R32
NM
C28
NM
GND
GND
GND
GND
D11
STTH3R02AFY
D10
STTH3R02AFY
J2
C17
10nF
C22
10nF
GND
GND
GND
J4
C23
10nF
C29
10nF
GND
GND
VS
C14
330uF
C16
100nF
GND
C15
330uF
5V1
12
JP2
Debug
GH2B
GH2B
SH2B
SH2B
GL2B
GL2B
GH1B
GH1B
SH1B
SH1B
GL1B
GL1B
GH1A
GH1A
SH1A
SH1A
GL1A
GL1A
GH2A
GH2A
SH2A
SH2A
GL2A
GL2A
GND
PWMH2B
PWMH1B
PWMH1A
PWMH2A
PWMH1A
PWMH2A
PWMH1B
PWMH2B
PWMH1A
PWMH2A
PWMH1B
PWMH2B
PWMH
HB-B[1..6]
HB-A[1..6]
TP13
TP14
TP15
TP16
TP17
TP18
TP19
TP20
TP21
TP22
TP23
TP24
TP9
TP10
TP11
TP12
J3
R17
0.4R
R30
0.4R
Vp_B
Vm_B
Vp_A
Vm_A
C24
100nF
GND
J5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com