Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 4 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2
Schematic diagrams
Figure 2. AEK-MOT-TK200G1 circuit schematic (1 of 5)
WU
1
8
CP2M
9
CP2P
10
CP
CP1P
11
12
CP1M
17
18
30
VS
VS
VS
PGND
32
37
SGND
47
NINT
52
NRESET
5V_1
53
5V_2
64
54
CAN_SUP
U2A
L99DZ200GTR
1
2
J1
12V
D1
SM6T36CAY
D4
STTH3R02AFY
GND
GND
Q3
STL64N4F7AG
D3
Q1
BC847
R3
100k
GND
R5
10k
C11
220nF
GND
R4
10k
GND
C7
100nF
C8
100nF
3
2
1
JP1
Header 3x1
R6
1k
C5
10nF
VBAT
VBAT
R2
1k
GND
GND
GND
C13
2.2uF
C12
2.2uF GND
GND
5V1
5V2
5V1
VS
VSreg
R1
2k7
D2
GND
BSS138
Q4
R9
6k8
D6
LED Green, 3.2V
GND
VBAT
5V1
BSS138
Q5
R10
6k8
D7
LED Green, 3.2V
GND
VBAT
5V2
GND
OUT15
R8
NM
M1
Hole 3mm
M2
Hole 3mm
M3
Hole 3mm
M4
Hole 3mm
TP1
TP3
TP2
TP4
TP7
TP8
TP5
TP6
1
2
P1
GND
1
2
P2
GND
C6
220nF
GND
C4
100nF
NINT
NRESET
+5Vreg
3
Vin
Vout
0,2
1
GND/Adj
U1
LD1117S50TR
C2
10uF
C9
10uF
C10
10nF
1K
R7
D5
GND
GND
C1
47uF
C3
220uF
1
2
P3
GND
BSS138
Q2
WakeUP_mcu
VSreg
R83
10k
R84
10k
STTH3R02AFY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com