Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 10Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 5. AEK-MOT-TK200G1 circuit schematic (4 of 5)
1
4
8
+
-
VP
VM
OUT
U3
TSC103IYPT
R41
10R
R42
10R
C34
2.2uF
C33
N.M.
5C3
N.M.
GND
GND
GND
C39
1uF
1C4
100nF
GND
R45 0R
R46 N.M.
R47 N.M.
R48 0R
GND
GND
+5Vreg
+5Vreg
+5Vreg
3 1K
R53
C4
N.M.
C45
1uF
GND
1
4
8
+
-
VP
VM
OUT
U4
TSC103IYPT
R43
10R
R44
10R
7C3
2.2uF
C36
N.M.
8C3
N.M.
GND
GND
GND
C40
1uF
C42
100nF
GND
R49 0R
R50 N.M.
+5Vreg
R51 N.M.
R52 0R
GND
GND
+5Vreg
+5Vreg
R54
4 1k
C4
N.M.
C46
1uF
GND
Vp_B
Vm_B
Vp_A
Vm_A
CAN2_TX
CAN2_RX
R5522R
R56
22R
1
TXD
VSS
2
3
VDD
4
RXD
STBY
8
7
CANH
6
CANL
VIO
5
U5
MCP2562FD-E_SN
C47
100nF
GND
GND
R57 0R
GND
C48
100nF
GND
C49
47pF
C50
47pF
GND
R58
120R
+5Vreg
+5Vreg
CAN_H
CAN_L
2
1
P4
Csensing_A
Csensing_B
2
1
3
P5
+5Vreg
C51
10uF
GND
C55
100nF
MPosition_A
R59
3 0R
C5
N.M.
C57
N.M.
GND
2
1
3
P6
+5Vreg
C52
10uF
GND
C56
100nF
MPosition_B
R60
4 0R
C5
N.M.
C58
N.M.
GND
8TP2
9TP2
TP31
TP30
SEL1=Vcc
Gain= 50
SEL2=Gnd
SEL1=Vcc
Gain= 50
SEL2=Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com