Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CFR3 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 44Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 45Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 46Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 47Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 48Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 49Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 50Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 51Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
ODR[3]
ODR[2]
ODR[1]
ODR[0]
ODR
selection
(Hz)
Decimation
selection
(samples)
Noise RMS (mg)[1][2]
IDD
(µA)
1
1
1
1
0.781
4096
0.29
150
Table 53. WAKE and SLEEP High Performance mode ODR and decimation settings...continued
[1]
Values are for ±2 g FSR only.
[2]
Based on post board mount characterization data. Tested on a mechanically isolated granite table to provide isolation from environmental vibration.
DEC[3]
DEC[2]
DEC[1]
DEC[0]
Decimation selection
(samples)
Measurement time
(ms)
0
0
0
0
1
0.3125
0
0
0
1
2
0.625
0
0
1
0
4
1.25
0
0
1
1
8
2.5
0
1
0
0
16
5
0
1
0
1
32
10
0
1
1
0
64
20
0
1
1
1
128
40
1
0
0
0
256
80
1
0
0
1
512
160
1
0
1
0
1024
320
1
0
1
1
2048
640
1
1
0
0
4096
1280
1
1
0
1
4096
1280
1
1
1
0
4096
1280
1
1
1
1
4096
1280
Table 54. WAKE and SLEEP decimation settings in Flexible Power mode
15.14 SENS_CONFIG4 register (address 18h)
Bit
7
6
5
4
3
2
1
0
Name
EXT_
TRIG_M
WAKE_
SDCD_WT
WAKE_
SDCD_OT
WAKE_
ORIENT
DRDY_PUL INT2_FUNC
INT_
PP_OD
INT_POL
Reset
0
0
0
0
0
0
0
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 55. SENS_CONFIG4 register (address 18h) bit allocation
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
48 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com