Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CFR3 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 45Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 46Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 47Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 48Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 49Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 50Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 51Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 52Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
7
EXT_TRIG_M
External trigger function acquisition mode.
0 (default): Each positive going trigger edge causes a single ADC acquisition to be made. When
the number of acquisitions specified by the current operating mode decimation setting have been
triggered, the final decimated output is stored in the
OUT_X/Y/Z registers or the buffer depending on
the setting made in
BUF_CONFIG1[BUF_MODE[1:0]]. .
1: Each positive going trigger edge causes multiple ADC acquisitions. The number of acquisitions
are specified by the current operating mode decimation setting[1]. Once the specified number of
acquisitions have been made, the final decimated output is stored in the
OUT_X/Y/Z registers or the
buffer depending on the setting made in
BUF_CONFIG1[BUF_MODE[1:0]].
Notes:
• The EXT_TRIG_M setting only applies when INT2_FUNC = 1.
• The SRC_DRDY event flag is asserted after the specified number of measurements have
completed and the final decimated output result is available. Note that the SRC_DRDY flag is only
asserted when
BUF_CONFIG1[BUF_MODE[1:0]] = 00b
• In LPM, this bit has no effect as the decimation factor is fixed at 1.
6
WAKE_SDCD_WT
SDCD within thresholds event Auto-WAKE/SLEEP transition source enable
0 (default): SDCD within thresholds event is not used to prevent entry into/trigger an exit from SLEEP
mode.
1: SDCD within thresholds event is used to prevent entry into/trigger an exit from SLEEP mode.
5
WAKE_SDCD_OT
SDCD outside of thresholds event Auto-WAKE/SLEEP transition source enable
0 (default): SDCD outside of thresholds event is not used to prevent entry into/trigger an exit from
SLEEP mode.
1: SDCD outside of thresholds event is used to prevent entry into/trigger an exit from SLEEP mode.
4
WAKE_ORIENT
Orientation change event Auto-WAKE/SLEEP transition source enable
0 (default): Orientation change condition is not used as an event to prevent entry into /trigger an exit
from SLEEP mode.
1: Orientation change condition is used as an event to prevent entry into/trigger an exit from SLEEP
mode.
3
DRDY_PUL
Pulse generation option for DRDY event
0 (default): A SRC_DRDY event is output on the INTx pin as an active high or active low signal
depending on the polarity setting made in INT_POL. The INTx pin remains asserted until the host
reads any of the OUT_X/Y/Z registers.
1: A 32 μs (nominal) duration pulse is output on the configured INTx pin once per ODR cycle. The
output pulse is either positive or negative, depending on the INT_POL setting.
Notes:
• The pulsed output signal is OR'd with all of the other interrupt events assigned to the INTx pin.
• In Motion Detection mode (BT_MODE = VDD), the state of this bit is ignored and has no effect on
device operation.
Table 56. SENS_CONFIG4 register (address 18h) bit description
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
49 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com