Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CFR3 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 3Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 4Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 5Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 6Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 9Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 10Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Symbol
Rating
Min
Unit
VHBM
Human Body Model
±2000
V
VCDM
Charged Device Model
±500
V
ILU
Latch-up current at T = +105 °C (per AEC-Q100-004)
±100
mA
Table 5. ESD and latch-up-protection characteristics
CAUTION
This device is sensitive to mechanical shock. Improper handling can cause permanent damage to the
part or cause the part to otherwise fail.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or equivalent
standards.
8 Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
1.71
3.0
3.6
V
Top
Operating temperature range
–40
+25
+105
°C
Table 6. Nominal operating conditions
9 Mechanical characteristics
VDD = 3.0 V, T = 25 °C , unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
nACC
Output data width
—
—
12
—
bits
±2 g mode
—
±2
—
±4 g mode
—
±4
—
±8 g mode
—
±8
—
FSR
Full-scale measurement range
±16 g mode
—
±16
—
g
Table 7. Accelerometer sensor performance parameters
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
7 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com