Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025HF Datasheet(PDF) 8 Page - STMicroelectronics

Part # IPS1025HF
Description  High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025HF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IPS1025HF Datasheet HTML 4Page - STMicroelectronics IPS1025HF Datasheet HTML 5Page - STMicroelectronics IPS1025HF Datasheet HTML 6Page - STMicroelectronics IPS1025HF Datasheet HTML 7Page - STMicroelectronics IPS1025HF Datasheet HTML 8Page - STMicroelectronics IPS1025HF Datasheet HTML 9Page - STMicroelectronics IPS1025HF Datasheet HTML 10Page - STMicroelectronics IPS1025HF Datasheet HTML 11Page - STMicroelectronics IPS1025HF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Table 9. Protections
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Overload with Dual Threshold Protection: IPD pin to GND by CPD (470 pF ≤ CPD ≤ 470 nF); see Section 7.3.1
IPKH
Initial over-current activation threshold
VCC = 24 V
-
15.4
-
A
ILIMH
Initial over-current limitation level
6.25
9.0
11.75
A
DPK
Time limit of Initial over-current
-
215*CPD [nF]
-
µs
IPKL
Steady state over-current activation threshold
-
8.0
-
A
ILIML
Steady state over-current limitation level
2.5
3.5
4.5
A
IHYS
Steady state output Current limitation
hysteresis
-
0.3
-
A
ILIML-OFF
Steady state over-current limitation
deactivation threshold
-
ILIML - IHYS
-
A
Overload with Single Level (Lowest) Protection: IPD pin connected to IN by 10 kΩ resistor; see Section 7.3.2
IPKL
Steady state over-current activation threshold
VCC= 24 V
-
8.0
-
A
ILIML
Steady state over-current limitation level
2.5
3.5
4.5
A
IHYS
Steady state output Current limitation
hysteresis
-
0.3
-
A
ILIML-OFF
Steady state over-current limitation
deactivation threshold
-
ILIML-IHYS
-
A
Overload with Single Level (Highest) Protection: IPD pin connected to GND by 10 kΩ resistor; see Section 7.3.3
IPKH
Initial over-current activation threshold
VCC= 24 V
-
15.4
-
A
ILIMH
Initial over-current limitation level
6.25
9.0
11.75
A
Over-temperature protections
TJSD
Junction temperature shutdown
-
150
170
190
°C
TJR
Junction temperature reset
-
-
150
-
°C
TJHYS
Junction temperature hysteresis
-
-
20
-
°C
TCSD
Case temperature shutdown
-
-
130
-
°C
TCR
Case temperature reset
-
-
110
-
°C
TCHYS
Case temperature hysteresis
-
-
20
-
°C
Ground disconnection/Wire break
ILGND
GND disconnection output current
VINX = 24 V,
VCC = 24 V,
VOUT = 0 V
-
-
0.5
mA
VCC over-voltage
VCLAMP VCC Clamp Voltage
ICC ≤ 10 mA
65.5
70.0
73.5
V
Demagnetization of inductive load
VDEMAG Demagnetization Voltage
IOUT = 0.5 A, Load ≥ 10 mH Vcc-76
Vcc-72.5
Vcc-68
V
IPS1025HF, IPS1025HFQ
Electrical characteristics
DS13869 - Rev 3
page 8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com