Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025HF Datasheet(PDF) 3 Page - STMicroelectronics

Part # IPS1025HF
Description  High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025HF Datasheet(HTML) 3 Page - STMicroelectronics

  IPS1025HF Datasheet HTML 1Page - STMicroelectronics IPS1025HF Datasheet HTML 2Page - STMicroelectronics IPS1025HF Datasheet HTML 3Page - STMicroelectronics IPS1025HF Datasheet HTML 4Page - STMicroelectronics IPS1025HF Datasheet HTML 5Page - STMicroelectronics IPS1025HF Datasheet HTML 6Page - STMicroelectronics IPS1025HF Datasheet HTML 7Page - STMicroelectronics IPS1025HF Datasheet HTML 8Page - STMicroelectronics IPS1025HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
2
Pin connection
Figure 2. Pin connections (top through view)
Table 1. Pin descriptions
Pin no.
PSSO24
QFN48L
Name
Description
1,
exposed
pad
exposed pad
VCC
Supply voltage
2,3
1,2,4,5,7,8,9,10,11,12,14,16,25,26,2
7,28,29,30,31,32,33,34,43,45,47
N.C.
Not connected
4
13
FLT2
Overload event diagnostic pin
5 to 20
17 to 24, 35 to 42
OUT
Power stage output channel
21
46
FLT1
Over-temperature event diagnostic pin
22
48
IPD
Initial current duration / level selector.
Connect to GND by a capacitor to set duration of
IPKH (see Section 7.3 and Table 9 ).
Connect to IN pin by a 220 kΩ resistor to disable
initial IPKH threshold (the over-current limit is only
IPKL).
Connect to GND by a 10 kΩ resistor to disable
IPKL (the over-current threshold is only IPKH).
Note:
Leaving IPD floating is equivalent to a
1 µs duration for IPKH.
23
3
IN
Input
24
6
GND
Device ground
IPS1025HF, IPS1025HFQ
Pin connection
DS13869 - Rev 3
page 3/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com