Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS1025HF Datasheet(PDF) 21 Page - STMicroelectronics

Part # IPS1025HF
Description  High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025HF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button IPS1025HF Datasheet HTML 17Page - STMicroelectronics IPS1025HF Datasheet HTML 18Page - STMicroelectronics IPS1025HF Datasheet HTML 19Page - STMicroelectronics IPS1025HF Datasheet HTML 20Page - STMicroelectronics IPS1025HF Datasheet HTML 21Page - STMicroelectronics IPS1025HF Datasheet HTML 22Page - STMicroelectronics IPS1025HF Datasheet HTML 23Page - STMicroelectronics IPS1025HF Datasheet HTML 24Page - STMicroelectronics IPS1025HF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Table 12. QFN48L mechanical data
Dim.
[mm]
Min.
Nom.
Max.
A
0.80
0.85
0.90
A1
0.00
-
0.05
A3
0.20 REF.
b
0.20
0.25
0.30
D
8.00 BSC
e
0.50 BSC
E
6.00 BSC
D2
5.97
6.02
6.07
E2
3.97
4.02
4.07
L
0.365
0.40
0.435
k
0.53
-
-
N
48
Table 13. Tolerance of forms and positions
Dim.
Tolerance of forms and positions
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
Figure 16. QFN48L suggested footprint [mm]
IPS1025HF, IPS1025HFQ
Package mechanical data
DS13869 - Rev 3
page 21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com