Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002182000 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 4Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 5Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 6Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 7Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
Doc. No: 2002182000
Release Date: 07-31-19
UNCONTROLLED COPY
Page 4 of 8
Revision: A
Revision Date: 07-31-19
RELEASE
LOCATOR
BUTTON
TERMINAL
Figure 4
LOCATOR
PUSHED
THROUGH
TOOLING
TERMINAL
LOCATOR
BUTTON
PUSHED IN
LOCATOR
When making an adjustment, turn the adjustment screw half a rotation or less, and then re-check
your bell mouth and brush length.
If you feel or hear a click during the rotation, you have reached the limits of the adjustment.
Once the bell mouth and brush length are properly adjusted, follow the tool operation instructions
listed below.
OPERATION
CAUTION: Crimp only the Molex terminals listed in the scope for this tool. Do not crimp
hardened objects because damage can occur to the tool frame or crimp dies.
Open the tool by squeezing the handles together. At the end of the closing stroke, the ratchet
mechanism will release the handles and the hand tool will spring open. See Figure 2.
Crimping Terminals
1. Select the desired terminal listed in the
preceding charts.
2. Make sure the center of the locator is in
the down position. With the locator
attached, push the locator button on the
back of the hand tool to bring the locator
forward through the tooling. See Figure 3.
3. While holding the locator button in, load
the terminal into the proper nest opening
in the locator based on the wire gauge or
terminal type markings on the hand
tooling. See Figure 4.
4. Release the locator button, allowing the locator to return to the
crimping position.
5. Close the tool handle until the first ratchet position engages. See
Figure 5.
6. Insert the properly stripped wire through the terminal and
against the locator. See Figure 6.
7. Crimp the terminal by squeezing the tool handles until the
ratchet mechanism cycle has been completed. Release the
handles to open the jaws.
PARTIALLY
CLOSE HANDLE
TOOLING
PARTIALLY
CLOSED
Figure 5
FIRST RATCHET
POSITION
OPEN
POSITION
LOCATOR IN
DOWN
POSTION
PUSH ON THE
LOCATOR BUTTON
Figure 3
SQUEEZE
HANDLES
TOGETHER
HANDLE WILL
SPRING OPEN
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com