Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002182000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 4Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 5Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 6Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 7Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
Doc. No: 2002182000
Release Date: 07-31-19
UNCONTROLLED COPY
Page 2 of 8
Revision: A
Revision Date: 07-31-19
INSULATION CRIMP FORM
This crimp terminal is designed for miniaturization; therefore, each dimension of the insulation crimp
portion appears small compared to the terminal material thickness. To avoid insulation piercing the
crimp forms by the insulation barrel, coining is provided inside the insulation barrel. For this reason,
various crimp forms will occur at the tip of the insulation crimp barrel as shown below.
These crimp forms may differ completely because of a small change in the wire, insulation punch or
terminal.
These crimp forms are satisfactory for the original function of the insulation crimp portion, and it is
confirmed that all of the following forms are acceptable insulation crimps.
CONDUCTOR CRIMP FORM
The conductor grips are designed to form in reverse or toward the outside. You may see a seam along
the top of the crimp. See figure below. This is not a crack in the terminal; rather, it is a seam. This
seam is more likely to occur with 30 and 32 AWG wires.
CONDITIONS
After crimping, the conductor profiles should measure the following:
Terminal
Series No.
Wire Size
Conductor Crimp
Insulation Crimp
Pull Force
Minimum
Profile
Height
Width (Ref.) Height (Ref.) Width (Ref.)
AWG mm2
mm
In.
mm
In.
mm
In.
mm
In.
N
Lb.
A B C D
50061
28
—
0.39-0.49 .015-.019
0.84
.033
1.19
.047
0.90
.035
9.8
2.20
X
30
—
0.37-0.47 .014-.018
0.84
.033
1.19
.047
0.90
.035
4.9
1.10
X
32
—
0.37-0.47 .014-.018
0.84
.033
1.19
.047
0.89
.035
2.9
0.66
X
50080
26
—
0.50-0.60 .020-.024
0.86
.034
1.26
.050
0.90
035
9.8
2.20
X
28
—
0.50-0.60 .020-.024
0.85
.033
1.25
.049
0.91
.036
9.8
2.20
X
50125
26
—
0.53-0.63 .021-.025
0.87
.034
1.24
.049
.091
.036
9.8
2.20
X
28
—
0.53-0.63 .021-.025
0.86
.033
1.24
.049
.091
.036
9.8
2.20
X
50133
28
—
0.42-0.52 .017-.020
0.84
.033
1.20
.047
.090
.035
9.8
2.20
X
30
—
0.41-0.51 .016-.020
0.84
.033
1.19
.047
.089
.035
4.9
1.10
X
32
—
0.41-0.51 .016-.020
0.84
.033
1.19
.047
.090
.035
2.9
0.66
X
Terminal
Series No.
Bell Mouth
Cut-Off Tab
Maximum
Conductor Brush
Bend Up Bend Down Twist Roll
Seam
mm
In.
mm
In.
mm
In.
Degree
Degree
50061
0.05-0.30 .002-.012 0.15
.006
0.00-0.70 .000-.028
8
0
4
13
Seam shall not be
open and no wire
allowed out of the
crimping area
50080
0.05-0.30 .002-.012 0.15
.006
0.00-0.70 .000-.028
8
0
4
13
50125
0.05-0.30 .002-.012 0.15
.006
0.00-0.70 .000-.028
2-8
0
4
10
50133
0.05-0.30 .002-.012 0.15
.006
0.00-0.70 .000-.028
2-8
0
4
10
SEAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com