Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002182000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 4Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 5Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 6Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 7Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
Doc. No: 2002182000
Release Date: 07-31-19
UNCONTROLLED COPY
Page 3 of 8
Revision: A
Revision Date: 07-31-19
Tool Qualification Notes
1. (Ref) means that the dimension provided is approximate because of the wide range of wires,
conductor stranding, insulation diameter and insulation hardness.
2. An occasional conductor crimp height measurement should be performed. It must lie between
the minimum and maximum crimp height specification.
3. Pull force should be measured with no influence from the insulation crimp. To ensure this, strip
the wire long enough so the terminal insulation grips do not contact the wire insulation.
Notes
1. This tool should only be used for the terminals and wire gauges specified on this sheet.
2. Variations in tools, terminals, wire stranding and insulation types may affect crimp height.
3. This tool is intended for AWG conductor sizes. It may not give good insulation crimp support for
insulation sizes outside of the specified range.
4. Molex does not repair hand tools. See warranty on page 7. The replacement parts listed are the
only parts available for repair. If the handles or crimp tooling become damaged or worn, a new
tool must be purchased.
5. Conductor crimp height should be used as the final criterion for an acceptable crimp. Refer to
Molex Quality Crimping Handbook 63800-0029 for additional information on crimping and crimp
testing.
6. Molex does not certify crimp hand tools.
7. Using the tool under magnification is recommended to achieve optimal crimp quality and
consistency.
Bell Mouth Adjustment Notes
The 200218-2000 hand crimp tool features an adjustable locator that allows the operator to
increase or decrease the bell mouth and brush length specifications.
Note: The tool was set up in manufacturing and used to produce the included crimp samples,
but it may be necessary to adjust the tool because of variations in terminal production.
Use a 1.5mm hex wrench to adjust to bell mouth size and brush length.
The adjustment screw is accessible through the hole
in the side of the terminal locator on the back of the
hand crimp tool. See Figure 1.
To increase bell mouth and brush length, turn the
screw clockwise.
To decrease bell mouth and brush length, turn the
screw counterclockwise.
INCREASE
DECREASE
Figure 1
TERMINAL
LOCATOR
ADJUSTMENT
HOLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com