Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49106 Datasheet(PDF) 39 Page - Allegro MicroSystems

Part # AMT49106
Description  Automotive Three-Phase MOSFET Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49106 Datasheet(HTML) 39 Page - Allegro MicroSystems

Back Button AMT49106 Datasheet HTML 35Page - Allegro MicroSystems AMT49106 Datasheet HTML 36Page - Allegro MicroSystems AMT49106 Datasheet HTML 37Page - Allegro MicroSystems AMT49106 Datasheet HTML 38Page - Allegro MicroSystems AMT49106 Datasheet HTML 39Page - Allegro MicroSystems AMT49106 Datasheet HTML 40Page - Allegro MicroSystems AMT49106 Datasheet HTML 41Page - Allegro MicroSystems AMT49106 Datasheet HTML 42Page - Allegro MicroSystems AMT49106 Datasheet HTML 43Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Automotive Three-Phase MOSFET Driver
AMT49106
39
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
action then required to clear the fault state depend upon the
FDSO bit value.
If FDSO = 0, the fault state will be latched, the general fault flag
will be active, the associated VDS fault bit will be set and the
gate drive for the associated MOSFET will be inactive (low). The
gate drive output will remain inactive (low) until the fault state
and the general fault flag are reset the next time the MOSFET,
on which the fault was detected, is commanded to switch on. The
associated VDS fault bit remains set in the Diagnostic 1 register
until reset. If the MOSFET is being driven with a PWM signal
then this will usually mean that the MOSFET will be turned on
again each PWM cycle. If this is the case, and the fault condition
remains, then a valid fault will again be detected after the timeout
period and the sequence will repeat. The general fault flag will
only be reset for the duration of the validation timer. The VDS
fault bits will only be reset by a serial read of the Diagnostic 1
register with DSR = 0 or by a power-on reset.
If FDSO = 1, the fault will be latched, the general fault flag will
be active, the associated VDS fault bit will be set and all gate
drive outputs will be inactive (low). The gate drive outputs will
remain inactive (low) until the fault state and the general fault
flag are reset by a serial read of the Diagnostic 1 register with
DSR = 0, or by a power-on reset. The VDS fault bit will only be
reset by a serial read of the Diagnostic 1 register with DSR = 0 or
by a power-on reset.
If FDSO = 0, care must be taken to avoid damage to the MOS-
FET where the VDS fault is detected. Although the MOSFET
will be switched off as soon as the fault is detected at the end
of the fault validation timeout, it is possible that it could still be
damaged by excessive power dissipation and heating. To limit
any damage to the external MOSFETs or the motor, the gate drive
outputs should be fully disabled by logic inputs from the external
controller.
Fault Action
The action taken when one of the diagnostic functions indicates a
fault is listed in Table 6.
When a fault is detected, a corresponding fault state is consid-
ered to exist. In some cases, the fault state only exists during the
time the fault is detected. In other cases, when the fault is only
detected for a short time, the fault state is latched (held in the
fault state) until reset. The faults that are latched are indicated
in Table 6. Latched fault states are always reset when a power-
on-reset state is present or when the associated fault bit is read
through the serial interface with DSR = 0. Any fault bits that have
been set in the diagnostic registers are only reset when a power-
on-reset state is present or when the associated fault bit is read
through the serial interface with DSR = 0.
For most of the diagnostic functions, the action taken when a
fault state is detected can be programmed to force the gate drive
outputs into the inactive (low) state or to leave them active. The
action is selected by setting a 1 or 0 in specific stop on fault
(SoF) bit associated with the diagnostic. The specific SoF bits for
each diagnostic and the actions taken for each setting are listed in
Table 6.
Table 6: Fault Actions
Fault Description
SoF Bit
Name
Disable Outputs
Fault State
Latched
SoF
Bit = 0
SoF
Bit = 1
No Fault
–
No
No
–
Power-on-Reset
–
Yes [1]
Yes [1]
No
VREG Undervoltage
FVRU
No [3]
Yes [1]
No
VCP Undervoltage
FCPU
No
Yes
No
VIO or VOOR Out of Range
FVDD
No
Yes [1]
No
Bootstrap Undervoltage
FVBU
No
Yes [1]
No
Logic Terminal Overvoltage
FVLO
No
Yes [1][4]
No
WD Timeout
FWD
No
Yes [1]
Yes
Overtemperature
FOT
No [3]
Yes [1]
No
LSS Disconnect
FLSS
No
Yes [5]
Yes
VDS Fault
FDSO
Yes [2]
Yes [1]
Yes
Serial Transmission Error
FSE
No
Yes [1]
No
VREG Overvoltage
FVRO
No
Yes [1]
No
VBB Undervoltage
FVSU
No [3]
Yes [1]
No
VBB Overvoltage
FVSO
No
Yes [1]
No
VGS Undervoltage
FGSU
No [3]
Yes [1]
Yes
Temperature Warning
FTW
No
Yes [1]
No
Overcurrent
FOC
No
Yes [1]
Yes
Open Load
–
No
No
No
EEPROM
–
Yes [1]
Yes [1]
Yes
[1]
All gate drives low, all MOSFETs off.
[2]
Gate drive for the affected MOSFET low, only the affected MOSFET off.
[3]
Stated fault condition may damage the AMT49106 and/or bridge MOSFETs
unless appropriate action taken by the external controller.
[4]
Outputs disabled on Hx, Lx, overvoltage but not on DIAG, ENABLE overvoltage.
[5]
Creates VDS fault.
If a Power-on-Reset state is detected, then all gate drive outputs
are driven low and all MOSFETs in the bridge are held in the off-
state. This persists until the Power-on-Reset state is cleared.
Setting any of the FVRU, FCPU, FVDD, FVBU, FVLO, FWD,
FDSO, FSE, FVRO, FVSU, FVSO, FOT, FTW, FOC, FLSS, or
FGSU bits in the Stop-on-Fault registers to 0 such that the gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com