Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49106 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # AMT49106
Description  Automotive Three-Phase MOSFET Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49106 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button AMT49106 Datasheet HTML 9Page - Allegro MicroSystems AMT49106 Datasheet HTML 10Page - Allegro MicroSystems AMT49106 Datasheet HTML 11Page - Allegro MicroSystems AMT49106 Datasheet HTML 12Page - Allegro MicroSystems AMT49106 Datasheet HTML 13Page - Allegro MicroSystems AMT49106 Datasheet HTML 14Page - Allegro MicroSystems AMT49106 Datasheet HTML 15Page - Allegro MicroSystems AMT49106 Datasheet HTML 16Page - Allegro MicroSystems AMT49106 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Automotive Three-Phase MOSFET Driver
AMT49106
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ELECTRICAL CHARACTERISTICS (continued): Valid at TJ = –40°C to 150°C, VBB = 4.5 to 50 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Off-State Test Sink Current
ISD
YPS = 3, V(Sx) = 3 V
1.25
2.5
3.77
mA
Off-State Test Source Current
ISU
YSC = 0, V(Sx) = 1 V
–120
–90
–50
µA
YSC = 1, V(Sx) = 1 V
–460
–410
–300
µA
[1]
No internal reset.
[2]
For input and output current specifications, negative current is defined as coming out of (being sourced by) the specified device terminal.
[3]
VDS offset is the difference between the programmed threshold, VDSTH or VDSTL and the actual trip voltage.
[4]
For DT[5:0] > 0, jitter of ±25 ns must be added to the limits shown.
[5]
If the amplifier output voltage (VCSO) is more positive than the value demanded by the applied differential input (VID) and output offset (VOOS)
conditions, output current sink capability is boosted to enhance negative going transient response.
[6]
Maximum value of VDS threshold that should be set in the configuration registers for correct operation when VBB is within the stated range.
[7]
VIN is voltage from relevant terminal with respect to GND.
[8]
VCP refers to the voltage on the VCP terminal with respect to the voltage on the VBB terminal. VVCP refers to the voltage on the VCP terminal with
respect to the device GND pin.
[9]
Confirmed by design.
[10]
VDD derived from VIO for internal use only. Not accessible on any device terminal.
[11]
Confirmed by characterization. Not production tested.
[12]
Strobe high time values apply after serial interface frames addressing the registers listed in the test conditions column.
[13]
Stated values confirmed by design and characterization (not production-tested) Associated function production-tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com