Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49106 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # AMT49106
Description  Automotive Three-Phase MOSFET Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49106 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button AMT49106 Datasheet HTML 17Page - Allegro MicroSystems AMT49106 Datasheet HTML 18Page - Allegro MicroSystems AMT49106 Datasheet HTML 19Page - Allegro MicroSystems AMT49106 Datasheet HTML 20Page - Allegro MicroSystems AMT49106 Datasheet HTML 21Page - Allegro MicroSystems AMT49106 Datasheet HTML 22Page - Allegro MicroSystems AMT49106 Datasheet HTML 23Page - Allegro MicroSystems AMT49106 Datasheet HTML 24Page - Allegro MicroSystems AMT49106 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Automotive Three-Phase MOSFET Driver
AMT49106
21
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
The AMT49106 provides six high current gate drives capable of
driving a wide range of N-channel power MOSFETs. The gate
drives are configured as three half bridges, each with a high-side
drive and a low-side drive. The three half bridges can be oper-
ated independently or together as a three-phase bridge driver for
BLDC or PMSM motors.
Gate drives have programmable drive strength and can be
controlled individually with logic inputs or through the
SPI-compatible serial interface. Independent control over each
MOSFET allows each driver to be driven with an independent
PWM signal for full sinusoidal excitation.
The AMT49106 requires two power supplies: an analog supply
of 4.5 to 50 V connected to VBB and a 3 to 5.5 V logic supply
connected to VIO.
The analog supply powers two internal charge pumps. The first
charge pump generates a regulated supply (VREG) to provide all
the current necessary to drive the low-side gate drive outputs plus
most of the charge necessary to drive the high-side gate drives
via the bootstrap capacitors. The second charge pump generates
an above-battery regulated supply (VCP) to ensure the bootstrap
capacitors remain adequately charged during high duty cycle
operation. This architecture ensures that all external MOSFETs
are fully enhanced at unregulated supply voltages down to 4.5 V
and PWM duty cycles over the full range of 0 to 100% without
exceptions.
The logic supply directly powers all logic input/output circuitry
(VIO) and is linearly regulated to also power the device core logic
(VDD).
All logic inputs and outputs have standard CMOS threshold
levels derived from the applied VIO. All gate drive control logic
inputs are battery voltage compliant, meaning they can be shorted
to ground or supply without damage, up to the maximum battery
voltage of 50 V.
The AMT49106 will not reset any internal states and the SPI
interface will remain active at VIO voltages down to the VIO
POR voltage (falling) threshold, VPOROFF. If VIO drops below
VIO POR voltage (falling) threshold, VPOROFF, the part may
reset—all internal states will be lost, the SPI interface will cease
to operate, and all gate drive outputs will be disabled. If the
applied VIO remains above VIO POR voltage (falling) threshold,
VPOROFF, and the VBB voltage drops below 4.5 V, it is possible
that the gate drive outputs may fall below a safe level and be
disabled. However, the device logic and SPI interface will remain
functional.
A low power sleep mode allows the AMT49106, the power
bridge, and the load to remain connected to a vehicle battery sup-
ply without the need for an additional supply switch.
The AMT49106 includes many diagnostic features to provide
indication of and/or protection against undervoltage, overvoltage,
overtemperature, and power bridge faults. Detailed diagnostic
information is available through the serial interface.
For systems requiring a higher level of safety integrity, the
AMT49106 includes additional overvoltage monitors on the sup-
plies and the control inputs. In addition, the integrated diagnos-
tics include self-test and verification circuits to ensure verifiable
diagnostic operation. When used in conjunction with appropri-
ate system level control, these features can assist power drive
systems using the AMT49106 to meet stringent ASIL D safety
requirements.
The serial interface also provides access to programmable dead
time, fault blanking time, programmable VDS threshold for short
detection, and programmable thresholds and currents for open-
load detection.
The AMT49106 includes three amplifiers designed for low-side
current sensing in the presence of high current and voltage tran-
sients. These can be used independently to provide three current
sense readouts or in combination to provide redundant sensing of
a single current. All sense amplifier signal input pins are moni-
tored to ensure they remain connected to the external current
sense resistor(s). The gain of each amplifier can be set indepen-
dently and a common pedestal (offset reference voltage) can be
applied to the OOR input pin to allow sensing of bidirectional
sense resistor current flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com