Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016LEVB01 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPD1016LEVB01
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LEVB01 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPD1016LEVB01 Datasheet HTML 1Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 2Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 3Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 4Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 5Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 6Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 7Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 8Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 2 of 23 -
www.qorvo.com
Absolute Maximum Ratings1,2
Parameter
Rating
Units
Breakdown Voltage,BVDG
+145
V
Gate Voltage Range, VG
-7 to +2
V
Drain Current, IDMAX
70
A
Gate Current Range, IG
See page 17
mA
Power Dissipation, PDISS
7142
W
RF Input Power, Pulse, 1.3
GHz, T = 25
 °C2
+45.5
dBm
Mounting Temperature
(30 Seconds)
320 
°C
Storage Temperature
−65 to +150
°C
Notes:
1.
Operation of this device outside the parameter ranges
given above may cause permanent damage.
2.
Pulsed 300 uS PW, 10% DC
Recommended Operating Conditions1
Parameter
Min
Typ
Max Units
Drain Voltage Range, VD
50
V
Drain Bias Current, IDQ
1000
mA
Gate Voltage, VG
–
−2.8
–
V
Notes:
1. Electrical performance is measured under conditions noted
in the electrical specifications table. Specifications are not
guaranteed over all recommended operating conditions.
Measured Load Pull Performance
– Power Tuned 1,2
Parameter
Typical Values
Units
Frequency, F
1.1
1.2
1.3
1.4
1.5
1.7
GHz
Drain Voltage, VD
50
50
50
50
50
50
V
Drain Bias Current, IDQ
1000
1000
1000
1000
1000
1000
mA
Output Power at 3dB
compression, P3dB
58.8
58.6
58.3
58
57.6
58
dBm
Power Added Efficiency at 3dB
compression, PAE3dB
71.7
69.2
72.2
76.1
69.9
71.2
%
Gain at 3dB compression, G3dB
21.0
20.6
20.9
21.7
21.0
20.6
dB
Notes:
1.
Pulsed, 300 uS Pulse Width, 10% Duty Cycle
2.
Characteristic Impedance, Zo = 3
Ω.
Measured Load Pull Performance
– Efficiency Tuned 1,2
Parameter
Typical Values
Units
Frequency, F
1.1
1.2
1.3
1.4
1.5
1.7
GHz
Drain Voltage, VD
50
50
50
50
50
50
V
Drain Bias Current, IDQ
1000
1000
1000
1000
1000
1000
mA
Output Power at 3dB
compression, P3dB
57.6
57.1
56.4
57.3
56.1
56.7
dBm
Power Added Efficiency at 3dB
compression, PAE3dB
79.2
78.3
77.4
77.8
71.2
73.5
%
Gain at 3dB compression, G3dB
22.2
22.1
22.2
22.3
21.7
21.7
dB
Notes:
1.
Pulsed, 300 uS Pulse Width, 10% Duty Cycle
2.
Characteristic Impedance, Zo = 3
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com