Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016LEVB01 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPD1016LEVB01
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LEVB01 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPD1016LEVB01 Datasheet HTML 1Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 2Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 3Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 4Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 5Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 6Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 7Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 8Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 1 of 23 -
www.qorvo.com
NI-780 Package
Product Overview
The Qorvo QPD1016L is a 500 W (P3dB) pre-matched
discrete GaN on SiC HEMT which operates from DC to 1.7
GHz and 50 V supply. The device is in an industry standard
air cavity package and is ideally suited for IFF, avionics,
military and civilian radar, and test instrumentation.
The
device can support pulsed and linear operations.
ROHS compliant.
Evaluation boards are available upon request.
Functional Block Diagram
Key Features
• Frequency: DC to 1.7 GHz
• Output Power (P3dB): 537 W
• Linear Gain: 18 dB
• Typical Drain Efficiency at 3 dB compresion: 67%
• Operating Voltage: 50 V
• CW and Pulse capable
Applications
• IFF
• Avionics
• Military and civilian radar
• Test instrumentation
Ordering info
Part No.
Description
QPD1016L
DC – 1.7 GHz, 50 V, 500 W GaN
RF Transistor
QPD1016LS1
Sample bag
– 1 piece
QPD1016LS2
Sample bag
– 2 piece
QPD1016LEVB01
1.2
– 1.4 GHz EVB


Similar Part No. - QPD1016LEVB01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
logo
Qorvo, Inc
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
logo
TriQuint Semiconductor
QPD1016EVB01 TRIQUINT-QPD1016EVB01 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
logo
Qorvo, Inc
QPD1016EVB01 QORVO-QPD1016EVB01 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
More results

Similar Description - QPD1016LEVB01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
Qorvo, Inc
TGF2977-SM QORVO-TGF2977-SM Datasheet
2Mb / 28P
DC ??12 GHz, 32 V, 5 W GaN RF Transistor
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
DC ??25 GHz, 28 V, 7 W GaN RF Transistor
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
DC ??25 GHz, 28 V, 14 W GaN RF Transistor
QPD1881L QORVO-QPD1881L Datasheet
1Mb / 18P
400 W, 50 V, 2.7 ??2.9 GHz, GaN RF Power Transistor
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
T1G4020036-FS QORVO-T1G4020036-FS Datasheet
1Mb / 18P
DC ??3.5 GHz, 50 V, 2 x 200 W GaN RF Transistor
September, 2021
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com