Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016LEVB01 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPD1016LEVB01
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LEVB01 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPD1016LEVB01 Datasheet HTML 1Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 2Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 3Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 4Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 5Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 6Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 7Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 8Page - Qorvo, Inc QPD1016LEVB01 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 3 of 23 -
www.qorvo.com
1.2
– 1.4 GHz EVB 1.3 GHz Performance 1,2
Parameter
Min
Typ
Max
Units
Linear Gain, GLIN
–
18.0
–
 dB
Output Power at 3dB compression point, P3dB
–
57.3
–
dBm
Drain Efficiency at 3dB compression point,
DEFF3dB
–
67.3
–
%
Gain at 3dB compression point, G3dB
–
15.0
–
dB
Gate Leakage (VD = 10V , VG = -3.3V )
-40
mA
Notes:
1.
VD = +50
 V, IDQ = 1000 mA, Temp = +25 °C, Pulse Width = 300 uS, Duty Cycle = 10%
2.
Performance at 1.3 GHz in a 1.2 to 1.4 GHz Evaluation Board
RF Characterization
– Mismatch Ruggedness at 1.3 GHz 1, 2
Symbol Parameter
dB Compression
Typical
VSWR
Impedance Mismatch Ruggedness
3
 10:1
Notes:
1.
Test conditions unless otherwise noted: TA = 25 °C, VD = 50 V, IDQ = 1000 mA
2.
Input drive power is determined at pulsed 3dB compression under matched condition at EVB output connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com