Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRD10RL1AB-R Datasheet(PDF) 1 Page - C&K Components

Part # CRD10RL1AB-R
Description  10mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CRD10RL1AB-R Datasheet(HTML) 1 Page - C&K Components

  CRD10RL1AB-R Datasheet HTML 1Page - C&K Components CRD10RL1AB-R Datasheet HTML 2Page - C&K Components CRD10RL1AB-R Datasheet HTML 3Page - C&K Components CRD10RL1AB-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H
H–41
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
CRD Series
10mm DIP Coded Rotary Switches
Features/Benefits
• Process sealed – withstands
soldering and cleaning
• Thru-hole and surface mount models
• Crisp, positive detent ensures
actuation
• Computer and peripherals
• RoHS compliant
• IP65
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of
options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
R
CD
Switch Function
CRD10R 10 position, BCD
CRD10C 10 position, BCD complement
CRD16R 16 position, Hexadecimal
CRD16C 16 position, Hexadecimal complement
Actuator
M0 Flush, screwdriver slot
L1* Extended, screwdriver slot
W1*Wheel
Terminations
A
Right angle, PC thru-hole
C
PC Thru-hole
S
Gull wing
Contact /Terminal Material
B
Gold/Gold
Packaging
(None) Tube
R Tape & Reel
(M0 actuator only)
Typical Applications
• Address switching applications
• Data storage devices
• Computer and peripherals
• Instrumentation
Specifications
CONTACT RATING: 0.4 V AC, DC 20 V max.
ELECTRICAL LIFE: 20,000 steps min. @ 5 V DC 10 mA.
MECHANICAL LIFE: 30,000 steps min.
CONTACT RESISTANCE: 100 milliohms max. initial
@ 2 V DC 10 mA.
INSULATION RESISTANCE: 1000 megohms min. @ 100 V DC
DIELECTRIC STRENGTH: 300 V AC for 1 minute.
OPERATING TEMPERATURE: -20°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 1000 grams max.
PACKAGING: Switches supplied in anti-static tubes in full quatities
only. This may affect order quantity. Surface mount models with
MO actuators available in tape and reel, 500 pieces per reel.
Materials
COVER: PPS (black)
HOUSING: PPS (black)
ACTUATOR: PA 6T M0 actuator option; PBT L1 and W1 actuator option.
CONTACTS: Beryllium Copper with Gold over Nickel plate
TERMINALS: Brass with Gold Nickel plate.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
* Note - L1 and W1 actuators are not available in termination “S”
12 Nov 20


Similar Part No. - CRD10RL1AB-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CRD10RL1AB ITT-CRD10RL1AB Datasheet
245Kb / 4P
10mm DIP Coded Rotary Switches
CRD10RL1ABR ITT-CRD10RL1ABR Datasheet
245Kb / 4P
10mm DIP Coded Rotary Switches
More results

Similar Description - CRD10RL1AB-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
8mm DIP Coded Rotary Switches
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
10mm DIP Coded Rotary Switches
logo
C&K Components
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
8mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
10mm DIP Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
logo
C&K Components
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
8mm DIP Coded Rotary Switches
2003
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
8mm DIP Coded Rotary Switches
2010
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
10mm DIP Coded Rotary Switches
2021
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
8mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
10mm DIP Coded Rotary Switches
8 Feb 23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com