Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRD10RL1AB-R Datasheet(PDF) 3 Page - C&K Components

Part # CRD10RL1AB-R
Description  10mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CRD10RL1AB-R Datasheet(HTML) 3 Page - C&K Components

  CRD10RL1AB-R Datasheet HTML 1Page - C&K Components CRD10RL1AB-R Datasheet HTML 2Page - C&K Components CRD10RL1AB-R Datasheet HTML 3Page - C&K Components CRD10RL1AB-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
H–43
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
SWITCH FUNCTION
CRD Series
10mm DIP Coded Rotary Switches
PIN 1
INDICATOR
POS.
C
1
2
4
8
012345678 9
POS.
C
1
2
4
8
0123456789
0 1
9
PIN 1
INDICATOR
POS.
C
1
2
4
8
0123456789 AB CD EF
POS.
C
1
2
4
8
0123456789 AB CD EF
0
F
1
0.118
(3,0)
0
1 F
0.276
(7,0)
.039
(1,0)
Ø.157
(4,00)
0.039
(1,0)
8
7
FLUSH ACTUATOR
0
.039
(1,0)
.157
(4,0)
1
9
ACTUATOR
CRD10R
10 POSITION, BCD
ACTUATOR COLOR: RED
CRD10C
10 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: ORANGE
CRD16R
16 POSITION, HEXADECIMAL
ACTUATOR COLOR: BLACK
CRD16C
16 POSITION, HEXADECIMAL COMPLEMENT
ACTUATOR COLOR: WHITE
(STD.) FLUSH WITH SCREWDRIVER SLOT
L1*
EXTENDED WITH SCREWDRIVER SLOT
W1*
WHEEL
NOTE: Designed for #0 Phillips screwdriver.
* L1 and W1 actuators are not available in termination “S”
Switches ship and to be solder processed in
position “0”
Switches ship and to be solder processed in
position “7”
Switches ship and to be solder processed in
position “0”
Switches ship and to be solder processed in
position “F”
12 Nov 20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com