Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRD10RL1AB-R Datasheet(PDF) 2 Page - C&K Components

Part # CRD10RL1AB-R
Description  10mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CRD10RL1AB-R Datasheet(HTML) 2 Page - C&K Components

  CRD10RL1AB-R Datasheet HTML 1Page - C&K Components CRD10RL1AB-R Datasheet HTML 2Page - C&K Components CRD10RL1AB-R Datasheet HTML 3Page - C&K Components CRD10RL1AB-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SWITCHES WITH STANDARD OPTIONS
H
H–42
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
CRD Series
10mm DIP Coded Rotary Switches
.024 TYP.
(0,6)
.394
(10,0)
.394
(10,0)
.032 TYP.
(0,81)
.100
(2,54)
.330
(8,4)
0 1
9
.100
(2,54)
.100
(2,54)
.300
(7,62)
.020
(0,51)
.146
(3,7)
.236
(6,0)
.300
(7,62)
Ø.040
(1,0)
1
C
4
8
C
2
1
C
4
8
C
2
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CRD10RM0CB
10
45
CRD16RM0CB
16
45
.032 TYP.
(0,81)
.100
(2,54)
.024 TYP.
(0,6)
.330
(8,4)
.100
(2,54)
.100
(2,54)
.200
(5,08)
.138
(3,5)
3
2
.200
(5,08)
.217
(5,5)
.197
(5,00)
.197
(5,0)
.010
(0,25)
.472
(12,0)
81
1
C
4
8
C
2
.394
(10,0)
.394
(10,0)
.100
(2,54)
TYP.
0 1
9
.430
(10,9)
.236
(6,0)
.240
(6,10)
.020
(0,51)
TYP.
.031
(0,8)
TYP.
.010
(0,25)
.035
(0,9)
.050
(1,27)
.366
(9,3)
.024 TYP.
(0,6)
.330
(8,4)
.100
(2,54)
.100
(2,54)
Ø.040
(1,0)
1
C
4
8
C
2
1
C
4
8
C
2
PC Mount
Right Angle Mount
Surface Mount
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CRD10RM0AB
10
45
CRD16RM0AB
16
45
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CRD10RM0SB
10
45
CRD16RM0SB
16
45
12 Nov 20
12 Nov 20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com