Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E11 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E11
Description  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E11 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 28Page - Texas Instruments TUSB2E11 Datasheet HTML 29Page - Texas Instruments TUSB2E11 Datasheet HTML 30Page - Texas Instruments TUSB2E11 Datasheet HTML 31Page - Texas Instruments TUSB2E11 Datasheet HTML 32Page - Texas Instruments TUSB2E11 Datasheet HTML 33Page - Texas Instruments TUSB2E11 Datasheet HTML 34Page - Texas Instruments TUSB2E11 Datasheet HTML 35Page - Texas Instruments TUSB2E11 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
10. If an ACK is received, the TUSB2E11 transmits the next byte of data as long as host provides the clock. If a
NAK is received, the TUSB2E11 stops providing data and waits for a stop condition (P).
11. The host terminates the read operation by generating a stop condition (P).
Figure 8-9. I2C Write Without Data
The following procedure should be followed for setting a starting sub-address for I2C reads (refer to Figure 8-9).
1. The host initiates a write operation by generating a start condition (S), followed by the TUSB2E11 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB2E11 acknowledges the address cycle.
3. The host presents the register offset within TUSB2E11 to be written, consisting of one byte of data, MSB-
first.
4. The TUSB2E11 acknowledges the register offset cycle.
5. The host terminates the write operation by generating a stop condition (P).
Note
After initial power-up, if no register offset is included for the read procedure (refer to Figure 8-7),
then reads start at register offset 00h and continue byte by byte through the registers until the I2C
host terminates the read operation. During a read operation, the TUSB2E11 auto-increments the I2C
internal register address of the last byte transferred independent of whether or not an ACK was
received from the I2C host.
tBUF
tHDSTA
tR
tLOW
tHDDAT
t
HIGH
tF
tSUDAT
tSUSTA
tHDSTA
tSUSTO
P
S
S
P
SDA
SCL
30%
70%
30%
70%
Figure 8-10. I2C Timing Diagram
9 Register Access Protocol (RAP)
The repeater in TUSB2E11 supports the register access protocol (RAP) over eUSB2 to allow access to its
related registers.
RAP accessible registers are indicated with corresponding RAP addresses in the register map. Default value of
a subset of the registers are factory programmable and are indicated in register map.
TUSB2E11
SLLSFI4A – NOVEMBER 2021 – REVISED JUNE 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com