Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E11 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E11
Description  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E11 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB2E11 Datasheet HTML 1Page - Texas Instruments TUSB2E11 Datasheet HTML 2Page - Texas Instruments TUSB2E11 Datasheet HTML 3Page - Texas Instruments TUSB2E11 Datasheet HTML 4Page - Texas Instruments TUSB2E11 Datasheet HTML 5Page - Texas Instruments TUSB2E11 Datasheet HTML 6Page - Texas Instruments TUSB2E11 Datasheet HTML 7Page - Texas Instruments TUSB2E11 Datasheet HTML 8Page - Texas Instruments TUSB2E11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Version Comparison........................................... 3
5.1 Device Variants........................................................... 3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 9
7.1 Absolute Maximum Ratings........................................ 9
7.2 ESD Ratings............................................................... 9
7.3 Recommended Operating Conditions.........................9
7.4 Thermal Information..................................................10
7.5 Electrical Characteristics...........................................10
7.6 Switching Characteristics..........................................17
7.7 Timing Requirements................................................19
7.8 Typical Characteristics.............................................. 21
7.9 Parameter Measurement Information....................... 22
8 Detailed Description......................................................23
8.1 Overview................................................................... 23
8.2 Functional Block Diagram......................................... 23
8.3 Feature Description...................................................24
8.4 Device Functional Modes..........................................24
8.5 Manufacturing Test Modes........................................28
8.6 I2C Target Interface...................................................30
9 Register Access Protocol (RAP).................................. 32
10 Register Map................................................................ 33
10.1 TUSB2E11 Registers.............................................. 33
11 Application and Implementation................................ 45
11.1 Application Information............................................45
11.2 Typical Application.................................................. 45
12 Power Supply Recommendations..............................49
12.1 Power Up Reset......................................................49
13 Layout...........................................................................49
13.1 Layout Guidelines................................................... 49
13.2 Example Layout for Application with 1.8 V I2C
Variant......................................................................... 50
14 Device and Documentation Support..........................51
14.1 Device Support....................................................... 51
14.2 Documentation Support.......................................... 51
14.3 Receiving Notification of Documentation Updates..51
14.4 Support Resources................................................. 51
14.5 Trademarks.............................................................51
14.6 Electrostatic Discharge Caution..............................51
14.7 Glossary..................................................................51
15 Mechanical, Packaging, and Orderable
Information.................................................................... 51
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (November 2021) to Revision A (June 2022)
Page
• First public release of the data sheet..................................................................................................................1
TUSB2E11
SLLSFI4A – NOVEMBER 2021 – REVISED JUNE 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com