Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E11 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E11
Description  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E11 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 9Page - Texas Instruments TUSB2E11 Datasheet HTML 10Page - Texas Instruments TUSB2E11 Datasheet HTML 11Page - Texas Instruments TUSB2E11 Datasheet HTML 12Page - Texas Instruments TUSB2E11 Datasheet HTML 13Page - Texas Instruments TUSB2E11 Datasheet HTML 14Page - Texas Instruments TUSB2E11 Datasheet HTML 15Page - Texas Instruments TUSB2E11 Datasheet HTML 16Page - Texas Instruments TUSB2E11 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
7.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB INPUT LEVELS LS/FS
VIH
High (driven)
Receiver Characteristics
(1) (measured at
the connector)
2
V
VIHZ
High (floating)
Receiver Characteristics
(1) (HOST
downstream port pull-down resistor
enabled and external device pull up 1.5
kΩ ± 5% to 3.0-3.6 V)
2.7
3.6
V
VIL
Low
Receiver Characteristics
(1)
0.8
V
VDI
Differential Input Sensitivity (hysteresis
is off)
|(D+)-(D-)|; Differential Input Sensitivity
Range for Low-/full-speed
(1); (measured
at connector) VCM=0.8 V to 2.0 V
0.2
V
USB OUTPUT LEVELS LS/FS
VOL
Low
USB Driver Characteristics
(1), (measured
at connector with RL of 1.425 kΩ to 3.6
V. )
0
0.3
V
VOH
High (Driven)
USB Driver Characteristics
(1), (measured
at the connector with RL of 14.25 kΩ to
GND. )
2.8
3.6
V
ZFSTERM
Driver Series Output Resistance
USB Driver Characteristics
(1), measured
it during VOL or VOH
28
44
Ω
VCRS2
Output Signal Crossover Voltage
Measured as in Data Signal Rise and
Fall Time
(1), excluding the first transition
from the Idle state. With external 1.5
kΩ pull up on DP to 3.0 V
1.3
2
V
VCRS
Output Signal Crossover Voltage
Measured as in Data Signal Rise and
Fall Time
(1), excluding the first transition
from the Idle state
1.3
2
V
USB INPUT LEVELS HS
VHSSQ
High-speed squelch/no-squelch
detection threshold
Full-/High-speed Signaling
Level
(1), specification refers to peak
differential signal amplitude), measured
at 240 MHz with increasing amplitude,
U_SQUELCH_THRESHOLD_Px setting
011, VCM= -50 mV to 500 mV
111
128
161
mV
VHSSQ
High-speed squelch/no-squelch
detection threshold
Full-/High-speed Signaling
Levels
(1), (specification refers to peak
differential signal amplitude), measured
at 240 MHz with increasing amplitude,
U_SQUELCH_THRESHOLD_Px setting
100, VCM= -50 mV to 500 mV
104
125
150
mV
VHSDSC
High-speed disconnect detection
threshold
Full-/High-speed Signaling
Levels
(1), (specification refers to
differential signal amplitude). (HW
Default),
U_DISCONNECT_THRESHOLD_Px
setting 0000, VCM=200 mV to 600 mV
525
575
625
mV
VHSDSC
High-speed disconnect detection
threshold
Full-/High-speed Signaling
Levels
(1) (specification refers to
differential signal amplitude). (+25.6%),
U_DISCONNECT_THRESHOLD_Px
setting 1000, VCM=280 mV to 680 mV
685
757
846
mV
EQ_UHS
USB high-speed data receiver
equalization, (measured indirectly
through jitter)
240 MHz, U_EQ_Px setting 000
−0.37
0.06
0.57
dB
www.ti.com
TUSB2E11
SLLSFI4A – NOVEMBER 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com