Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC396-3234-G-R Datasheet(PDF) 1 Page - Samtec, Inc

Part # CC396-3234-G-R
Description  (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CC396-3234-G-R Datasheet(HTML) 1 Page - Samtec, Inc

  CC396-3234-G-R Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
View complete specifications at:
samtec.com?SESDT
SESDT
- POSITIONS
PER ROW
- 32 - PLATINGOPTION - ASSEMBLED
LENGTH
-
OPTIONS
= Double Row
Blue *Teflon®
Cable
(32 AWG)
–05, –10, –15, –20
(Standard sizes)
–G
= 10 µ" (0.25 µm)
Gold on contact area,
3 µ" (0.08 µm) Gold on tail
–“XX.X”
= Assembled
Length in Inches
(76.2 mm) 03.0" min.
Double Ended Assemblies
–L1
= Pin 1 to Pin 1
–L2
= Pin 1 to Pin 2
–L3
= Pin 1 to Pin N-1
–L4
= Pin 1 to Pin N
Single Ended Assembly
–L
= Latching
(0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
(5.05)
.199
ASSEMBLED LENGTH
± (3.18) .125
A
B
ASSEMBLED LENGTH
± (3.18) .125
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
View complete specifications at:
samtec.com?ISDE & samtec.com?CC396
Note:
Some lengths, styles and
options are non-standard,
non-returnable
NO. OF
POSITIONS
A
B
–05
(5.70) .224
(11.50) .453
–10
(9.70) .382
(15.50) .610
–15
(13.70) .539
(19.50) .768
–20
(27.70) .697
(23.50) .925
SPECIFICATIONS
SESDT
Board Mates:
TEM-L1
Insulator Material:
Natural Nylon
Contact Material:
BeCu
Plating:
Au over 50 µ” (1.27 µm) Ni
Wire:
Tinned Copper
Wire Insulation:
FEP
Operating Temp Range:
-55 °C to +125 °C
Current Rating:
1.9 A per pin
(2 pins powered)
Voltage Rating:
200 VAC/280 VDC
(10.70)
.421
ISDE
- POSITIONS
PER ROW
- D - L
–05, –10, –15, –20
(Standard sizes)
–D
= Dual Row
–L
= Latch
SERIES
- WIRE
GAUGE
- PLATING - REEL
OPTIONS
CC396
= Contact
–3234
= 32 to 34 AWG
–G
= 10 µ"
(0.25 µm)
Gold on
contact
area,
3 µ"
(0.08 µm)
Gold on
tail
–U
= Micro Reel
(4K Contacts)
–M
= Mini Reel
(15K Contacts)
–R
= Reel
(50K Contacts)
(5.05)
.199
(6.30)
.248
B
A
TOOLING
Hand Tool: CAT-HT-396-3232-12
Mini Applicator: CAT-MC-396-3232-XX-03
DOUBLE ENDED
SINGLE ENDED
POSITIONS
PER ROW
A
B
–05
(9.50) .374
(11.50) .453
–10
(13.50) .531
(15.50) .610
–15
(17.50) .689
(19.50) .768
–20
(21.50) .846 (23.50) .925
*DuPont™ Teflon® is a
registered trademark of the
E.I. du Pont de Nemours and
Company or its affiliates.
Note:
Teflon® cable is intended for
crimp only. Contact Samtec for
solderable cable applications.
samtec.com/080mm-TigerEye
F-221


Similar Part No. - CC396-3234-G-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC3-0305SF-E TDK-CC3-0305SF-E Datasheet
191Kb / 1P
DC-DC Converters
CC3-0305SR-E TDK-CC3-0305SR-E Datasheet
191Kb / 1P
DC-DC Converters
CC3-0312DF-E TDK-CC3-0312DF-E Datasheet
141Kb / 1P
DC-DC Converters
CC3-0312DR-E TDK-CC3-0312DR-E Datasheet
192Kb / 1P
DC-DC Converters
CC3-0503SF-E TDK-CC3-0503SF-E Datasheet
255Kb / 2P
Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
More results

Similar Description - CC396-3234-G-R

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
08003HS YEONHO-08003HS Datasheet
379Kb / 1P
0.80 mm PITCH CONNECTOR
logo
Samtec, Inc
IPL1-102-02-S-D SAMTEC-IPL1-102-02-S-D Datasheet
404Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
ISDF-10-D-M SAMTEC-ISDF-10-D-M Datasheet
658Kb / 1P
DISCRETE WIRE COMPONENTS TOOLING
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
TIGER EYE??DISCRETE CABLE ASSEMBLY
SFSD-10-28-H-05.00-DR SAMTEC-SFSD-10-28-H-05.00-DR Datasheet
238Kb / 1P
TIGER EYE??DISCRETE CABLE ASSEMBLY
ISD2-05-D-M SAMTEC-ISD2-05-D-M Datasheet
529Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
SFSS SAMTEC-SFSS Datasheet
658Kb / 2P
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
(4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
IPL1-102-01-L-S-RA-K-TR SAMTEC-IPL1-102-01-L-S-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com