Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F5671CDDFB
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F5671CDDFB Datasheet HTML 1Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 2Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 3Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 178 page
background image
RX671 Group
Renesas MCUs
Datasheet
R01DS0373EJ0110 Rev.1.10
Page 1 of 178
Apr 15, 2022
Features
■ 32-bit RXv3 CPU core
• Maximum operating frequency: 120 MHz
Capable of 707 CoreMark in operation at 120 MHz
• Double-precision 64-bit IEEE-754 floating point
• A collective register bank save function is available.
• Supports the memory protection unit (MPU)
• JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
• Operation from a single 2.7- to 3.6-V supply
• Battery supply of backup power allows continued operations of the
RTC and the backup registers.
• Four low-power modes
■ On-chip code flash memory
• Supports versions with up to 2 Mbytes of ROM
• No wait cycles at up to 60 MHz or when the ROM cache is hit, one-
wait state at up to 120 MHz
• User code is programmable by on-board or off-board programming.
• Programming/erasing as background operations (BGOs)
• A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
• 8 Kbytes, reprogrammable up to 100,000 times
• Programming/erasing as background operations (BGOs)
■ On-chip SRAM
• 384 Kbytes of SRAM (no wait states)
• 4 Kbytes of standby RAM (backup on deep software standby)
■ External address space
• Buses for full-speed data transfer (maximum operating frequency of
60 MHz)
• 8 CS areas
• 8- or 16-bit bus space is selectable per area
• Independent SDRAM area (128 Mbytes)
■ Data transfer
• DMACAb: 8 channels
• DTCb: 1 channel
• EXDMACa: 2 channels
■ Reset and supply management
• Power-on reset (POR)
• Low voltage detection (LVD) with voltage settings
• Backup domain low power detection
■ Clock functions
• External crystal resonator or internal PLL for operation at 8 to 24
MHz
• A sub-clock oscillator connectable to a 32.768-kHz crystal resonator
• Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
• 120-kHz clock for the IWDTa
■ Real-time clock
• Adjustment functions (30 seconds, leap year, and error)
• Real-time clock counting and binary counting modes are selectable
• Time capture in response to an event-signal input
■ Independent watchdog timer
• Operates with the 120-kHz clock frequency generated by the
dedicated low-speed oscillator
■ Useful functions for IEC60730 compliance
• Oscillation-stoppage detection, frequency measurement, CRCA,
IWDTa, self-diagnostic function for the A/D converter, etc.
• Register write protection function that protects important registers
against overwriting
■ Remote control signal receiver
■ Various communications interfaces
• PHY layer (up to 2 channels) for host/function or OTG controller
(1 channel) with full-speed USB 2.0 transfer
• CAN (compliant with ISO11898-1), incorporating 32 mailboxes (up
to 2 channels)
• SCIk and SCIh with multiple functionalities (up to 13 channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simplified SPI, simplified I2C, and
extended serial mode.
• SCIm with 16-byte transmission and reception FIFOs (up to 2
channels)
• Up to two RSCIs with Manchester encoding and HBS functionality
• The I2C bus interfaces RIIC and RIICHS for transfer at up to 3.4
Mbps (up to 3 channels), and the RIICHS also supports high-speed
mode.
• Single I/O RSPId (3 channels), single I/O RSPIA (1 channel), and
quad QSPIX (1 channel). The QSPIX supports fetching from serial
flash memory.
• SD host interface (1 channel) with a 1- or 4-bit SD bus for use with
SD memory or SDIO
• Serial sound interface supporting various audio data formats,
including I2S
■ Up to 25 extended-function timers
• 16-bit TPUa, MTU3a
• 8-bit TMRb (4 channels), 16-bit CMT (4 channels), 32-bit CMTW (2
channels)
■ 12-bit A/D converter
• Two 12-bit units (8 channels for unit 0; 12 channels for unit 1)
• Self diagnosis, detection of analog input disconnection
■ Temperature sensor for measuring temperature
within the chip
■ Capacitive touch sensing unit
• Self-capacitance method: A single pin configures a single key,
supporting up to 17 keys
• Mutual capacitance method: Matrix configuration with 17 pins,
supporting up to 64 keys
■ Encryption function
• Trusted Secure IP (TSIP)
AES128/192/256, TDES, ARC4, RSA, ECC,
True-random number generator (TRNG), SHA1, SHA224, SHA256,
MD5, GHASH, Prevention of the illicit copying of keys
■ Up to 114 pins for general I/O ports
• 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating temp. range
• D-version: –40°C to +85°C
• G-version: –40°C to +105°C
PLQP0144KA-B 20 × 20 mm, 0.50-mm pitch
PLQP0100KB-B 14 × 14 mm, 0.50-mm pitch
PLQP0064KB-C 10 × 10 mm, 0.50-mm pitch
PTLG0145JC-A 9 × 9 mm, 0.65-mm pitch
PTLG0145KB-A 7 × 7 mm, 0.50-mm pitch
PTLG0100JB-A 7 × 7 mm, 0.65-mm pitch
PTBG0064KB-A 4.5 × 4.5 mm, 0.50-mm pitch
PWQN0048KC-A 7 × 7 mm, 0.50-mm pitch
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark,
up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM,
various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
12-bit A/D converter, RTC, Encryption function, Serial sound interface, Remote control signal receiver
R01DS0373EJ0110
Rev.1.10
Apr 15, 2022
Features


Similar Part No. - R5F5671CDDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5671CDDFB RENESAS-R5F5671CDDFB Datasheet
2Mb / 179P
Renesas MCUs
Rev.1.20 Sep 30, 2024
More results

Similar Description - R5F5671CDDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
RX660 RENESAS-RX660 Datasheet
1Mb / 123P
120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
Mar 18, 2022
RX66T RENESAS-RX66T_V01 Datasheet
1Mb / 151P
160-MHz, 32-bit RX MCU, on-chip FPU, 928 CoreMark, Supportive of 5V power supply,up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, 16-KB SRAM with ECC
Apr 22, 2022
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com