Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD74115H Datasheet(PDF) 86 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 86 Page - Analog Devices

Back Button AD74115H Datasheet HTML 82Page - Analog Devices AD74115H Datasheet HTML 83Page - Analog Devices AD74115H Datasheet HTML 84Page - Analog Devices AD74115H Datasheet HTML 85Page - Analog Devices AD74115H Datasheet HTML 86Page - Analog Devices AD74115H Datasheet HTML 87Page - Analog Devices AD74115H Datasheet HTML 88Page - Analog Devices AD74115H Datasheet HTML 89Page - Analog Devices AD74115H Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
Data Sheet
AD74115H
REGISTER MAP
analog.com
Rev. 0 | 86 of 113
Digital Output with External FET Configuration Register
Address: 0x09, Reset: 0x2E00, Name: DO_EXT_CONFIG
This register configures the settings for the external digital output function. When the digital output functionality is enabled, the recommended
configuration of the CH_FUNC_SETUP register is to set it to high impedance.
Table 48. Bit Descriptions for DO_EXT_CONFIG
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
DO_DATA_EXT
FET Drive.
0x0
R/W
0: switch off the FET.
1: switch on the FET.
[13:9]
DO_EXT_T2
External Digital Output Short-Circuit 2 Timer. Set these bits to program the T2 short-circuit duration.
If a short-circuit event duration exceeds this time, the DO_EXT_TIMEOUT alert bit is asserted in the
ALERT_STATUS register. Setting this register to 0 results in the minimum timer count and activation of the T2
timer when a short circuit is detected. Take care when setting T2 to infinity because this can cause thermal
damage to the selected external FET.
0x17
R/W
00: T2 100.812 μs.
01: T2 100.812 μs.
02: T2 100.812 μs.
03: T2 100.812 μs.
04: T2 100.812 μs.
05: T2 100.812 μs.
06: T2 100.812 μs.
07: T2 100.812 μs.
08: T2 130.08 μs.
09: T2 180.486 μs.
10: T2 240.648 μs.
11: T2 320.322 μs.
12: T2 420.321 μs.
13: T2 560.157 μs.
14: T2 750.399 μs.
15: T2 1.000803 ms.
16: T2 1.3008 ms.
17: T2 1.800795 ms.
18: T2 2.400789 ms.
19: T2 3.200781 ms.
20: T2 4.200771 ms.
21: T2 5.600757 ms.
22: T2 7.500738 ms.
23: T2 10.000713 ms.
24: T2 13.000683 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com