Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD74115H Datasheet(PDF) 92 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 92 Page - Analog Devices

Back Button AD74115H Datasheet HTML 88Page - Analog Devices AD74115H Datasheet HTML 89Page - Analog Devices AD74115H Datasheet HTML 90Page - Analog Devices AD74115H Datasheet HTML 91Page - Analog Devices AD74115H Datasheet HTML 92Page - Analog Devices AD74115H Datasheet HTML 93Page - Analog Devices AD74115H Datasheet HTML 94Page - Analog Devices AD74115H Datasheet HTML 95Page - Analog Devices AD74115H Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
Data Sheet
AD74115H
REGISTER MAP
analog.com
Rev. 0 | 92 of 113
Table 54. Bit Descriptions for GPIO_CONFIG2
Bits
Bit Name
Description
Reset
Access
100: configured to drive internal digital output FET.
101: GPIO_C is configured as an input to control the TXD signal of the HART modem interface. When this mode
is selected on all four GPIO_x pins, the pins can interface with the internal HART modem UART interface. The
internal SPI to UART interface is disabled.
110: GPIO_C is configured to output the TXD signal. All four GPIO_x pins can monitor the HART UART signals.
The GPIO_x input pad buffer is disabled.
111: configured to output the TX_COMPLETE status bit in the HART_ALERT_STATUS register.
GPIO_D Configuration Register
Address: 0x38, Reset: 0x0008, Name: GPIO_CONFIG3
The four GPIO_x registers configure the four GPIO_x pins. A weak pull-down is enabled on each pin, by default, which can be disabled using
the GP_WK_PD_EN bit.
Select the General-Purpose Output
Mode.
General-Purpose Input Data Bit.
Pad Weak Pull-Down Enable
This Bit Sets the GPIO Logic Level
When GPIO_SELECT = 001
0
0
1
0
2
0
3
1
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:6] RESERVED
[2:0] GPIO_SELECT (R/W)
[5] GPI_DATA (R)
[3] GP_WK_PD_EN (R/W)
[4] GPO_DATA (R/W)
Table 55. Bit Descriptions for GPIO_CONFIG3
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
5
GPI_DATA
General-Purpose Input Data Bit. This bit reflects the current state of the corresponding pin.
0x0
R
4
GPO_DATA
This Bit Sets the GPIO Logic Level When GPIO_SELECT = 001.
0x0
R/W
0: drive a logic low on GPIO_x pin.
1: drive a logic high on GPIO_x pin.
3
GP_WK_PD_EN
Pad Weak Pull-Down Enable.
0x1
R/W
0: disable weak pull-down.
1: enable weak pull-down.
[2:0]
GPIO_SELECT
Select the General-Purpose Output Mode. Values outside of those listed as follows select the high impedance
option.
0x0
R/W
000: high impedance. The GPIO_x output driver is off. The GPIO_x pad input buffer is disabled.
001: configured as an output. The output level is set by the GPO_DATA bit. The GPIO_x input buffer is disabled.
010: configured as an output and input. The output level is set by the GPO_DATA bit. The GPIO_x input buffer is
enabled so that the output data can also be read via GPI_DATA.
011: configured as an input. GPIO_x output driver is configured in high impedance state.
100: the GPIO_x output driver is off. The GPIO_x pad input buffer is disabled.
101: GPIO_D is configured as an input to control the RTS signal of the HART modem interface. When this mode
is selected on all four GPIO_x pins, the pins can interface with the internal HART modem UART interface. The
internal SPI to UART interface is disabled.
110: GPIO_D is configured to output the RTS signal. All four GPIO_x pins can monitor the HART UART signals.
The GPIO_x input pad buffer is disabled.
111: configured to output the CD status bit in the HART_ALERT_STATUS register.
FET Leakage Compensation Register
Address: 0x39, Reset: 0x0000, Name: FET_LKG_COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com