Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD74115H Datasheet(PDF) 13 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 13 Page - Analog Devices

Back Button AD74115H Datasheet HTML 9Page - Analog Devices AD74115H Datasheet HTML 10Page - Analog Devices AD74115H Datasheet HTML 11Page - Analog Devices AD74115H Datasheet HTML 12Page - Analog Devices AD74115H Datasheet HTML 13Page - Analog Devices AD74115H Datasheet HTML 14Page - Analog Devices AD74115H Datasheet HTML 15Page - Analog Devices AD74115H Datasheet HTML 16Page - Analog Devices AD74115H Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
Data Sheet
AD74115H
SPECIFICATIONS
analog.com
Rev. 0 | 13 of 113
ADC SPECIFICATIONS
AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7 V to +5.5 V, AVCC = +4.5
V to +5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. RSENSE = 100 Ω (ideal) and CLOAD = 4.7 nF per the
recommended configuration. Note that the required input range for AVDD and AVSS must be considered when setting the supply voltages.
Table 12. ADC Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC SPECIFICATIONS
Resolution
16
Bits
No Missing Codes1
16
Bits
Conversion Rates1
Sample rates vary depending on the number of ADC measurements
selected and the use of single or continuous conversion modes
10
SPS
50 Hz and 60 Hz rejection enabled
20
SPS
50 Hz and 60 Hz rejection enabled
1.2
kSPS
50 Hz and 60 Hz rejection disabled
4.8
kSPS
50 Hz and 60 Hz rejection disabled
9.6
kSPS
50 Hz and 60 Hz rejection disabled
Absolute Input Voltage1
AVSS +
2
AVDD −
0.2
V
Noise1
Refer to Table 28
Common-Mode Rejection Ratio1
95
dB
ADC INPUT RANGES
0 V to +12 V, ±12V
Typically used to measure the voltage across the I/OP to I/ON screw
terminals (I/ON is the input and output negative, and I/OP is the input and
output positive), and also used for SENSE_EXT1 and SENSE_EXT2
Range
0
12
V
−12
+12
V
TUE1
−0.1
+0.1
% FSR
INL1
−4
+4
LSB
Offset Error
−4
+4
LSB
Gain Error
−750
+750
ppm FSR
0 V to 2.5 V, −2.5 V to 0 V, ±2.5 V
Typically used to measure the current through the RSENSE resistor
Range
0
2.5
V
For current flowing out of the AD74115H through the 100 Ω RSENSE
−2.5
0
V
For current flowing into the AD74115H across the 100 Ω RSENSE
−2.5
+2.5
V
Typically used to measure bidirectional current across the 100 Ω RSENSE
in voltage output mode
TUE
−0.1
+0.1
% FSR
INL
−4
+4
LSB
Offset Error
−4
+4
LSB
Gain Error
−250
+250
ppm FSR
0 V to 0.625 V
Typically used to measure 3-wire and 4-wire RTDs
Range
0
0.625
V
TUE1
−0.1
+0.1
% FSR
INL1
−4
+4
LSB
Offset Error
−10
+10
LSB
Gain Error
−250
+250
ppm FSR
±104.16 mV
Typically used to measure thermocouple voltages in voltage input mode
Range
−104.16
+104.16
mV
TUE1
−0.1
+0.1
% FSR
INL1
−4
+4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com