Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACBZ-01-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5585ACBZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-01-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5585ACBZ-01-R7 Datasheet HTML 28Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 29Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 30Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 31Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 34Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 35Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 32 of 40
Bit(s)
Bit Name
Access
Description
4 to 2
RESET_TRIG_TIME[2:0]
Read/write
Defines the length of time that the reset events must be active before a reset
signal is generated. All events must be active at the same time for the same
duration. RESET_TRIG_TIME[2:0] is common to both RESET1 and RESET2.
000 = immediate.
001 = 1.0 sec.
010 = 1.5 sec.
011 = 2.0 sec.
100 = 2.5 sec.
101 = 3.0 sec.
110 = 3.5 sec.
111 = 4.0 sec.
1 to 0
RESET_PULSE_WIDTH[1:0]
Read/write
Defines the pulse width of the reset signals. RESET_PULSE_WIDTH[1:0] is common
to both RESET1 and RESET2.
00 = 500 µs.
01 = 1 ms.
10 = 2 ms.
11 = 10 ms.
PWM_OFFT_LOW Register 0x2F
Table 55. Register 0x2F, PWM_OFFT_LOW Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 0
PWM_OFFT_LOW_BYTE[7:0]
Read/write
Lower eight bits of PWM off time.
PWM_OFFT_HIGH Register 0x30
Table 56. PWM_OFFT_HIGH Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 0
PWM_OFFT_HIGH_BYTE[7:0]
Read/write
Upper eight bits of PWM off time.
PWM_ONT_LOW Register 0x31
Table 57. PWM_ONT_LOW Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 0
PWM_ONT_LOW_BYTE[7:0]
Read/write
Lower eight bits of PWM on time.
PWM_ONT_HIGH Register 0x32
Table 58. PWM_ONT_HIGH Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 0
PWM_ONT_HIGH_BYTE[7:0]
Read/write
Upper eight bits of PWM on time. Note that updated PWM times are not latched
until this byte is written to. PWM count times are referenced from the internal
oscillator. The fastest oscillator setting is 500 kHz (2 µs increments). Therefore, the
maximum period is
2 µs × 216 = 131 ms
This gives PWM frequencies from 500 kHz down to 7.6 Hz.
PWM_CFG Register 0x33
Table 59. PWM_CFG Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 3
N/A
Reserved.
2
PWM_IN_AND
0 = no external AND’ing.
1 = PWM signal AND’ed with an externally supplied PWM signal (C3).
1
PWM_MODE
Read/write
Defines PWM mode.
0 = continuous.
1 = executes one PWM period, then sets PWM_EN to 0.
0
PWM_EN
Read/write
Enable PWM generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com