Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACBZ-01-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5585ACBZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-01-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5585ACBZ-01-R7 Datasheet HTML 30Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 31Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 34Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 35Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 36Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 37Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 34 of 40
POLL_TIME_CFG Register 0x37
Table 63. Register 0x37, POLL_TIME_CFG Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 2
N/A
Reserved.
1 to 0
KEY_POLL_TIME[1:0]
Read/write
Configure time between consecutive scan cycles.
00 = 10 ms.
01 = 20 ms.
10 = 30 ms.
11 = 40 ms.
PIN_CONFIG_A Register 0x38
Table 64. PIN_CONFIG_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
N/A
Reserved.
5
R5_CONFIG
Read/write
Reserved except for ADP5585AC_Z-01-R7 options)
0 = GPIO 6.
1 = Row 5.
4
R4_CONFIG
Read/write
0 = GPIO 5 (see R4_EXTEND_CFG in Table 66 for alternate configuration, RESET1).
1 = Row 4
3
R3_CONFIG
Read/write
0 = GPIO 4 (see R3_EXTEND_CFG[1:0] in Table 66 for alternate configuration,
LC/PWM_OUT).
1 = Row 3
2
R2_CONFIG
Read/write
0 = GPIO 3
1 = Row 2
1
R1_CONFIG
Read/write
0 = GPIO 2
1 = Row 1
0
R0_CONFIG
Read/write
0 = GPIO 1/LY (see R0_EXTEND_CFG in Table 66 for alternate configuration, LY).
1 = Row 0
PIN_CONFIG_B Register 0x39
Table 65. PIN_CONFIG_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
C4_CONFIG
Read/write
0 = GPIO 11 (see C4_EXTEND_CFG in Table 66 for alternate configuration, RESET2).
1 = Column 4.
3
C3_CONFIG
Read/write
0 = GPIO 10.
1 = Column 3.
2
C2_CONFIG
Read/write
0 = GPIO 9.
1 = Column 2.
1
C1_CONFIG
Read/write
0 = GPIO 8.
1 = Column 1.
0
C0_CONFIG
Read/write
0 = GPIO 7.
1 = Column 0.
PIN_CONFIG_C Register 0x3A
Table 66. PIN_CONFIG_D Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
PULL_SELECT
Read/write
0 = 300 kΩ resistor used for row pull-up during key scanning.
1 = 100 kΩ resistor used for row pull-up during key scanning.
6
C4_ EXTEND_CFG
Read/write
0 = C4 remains configured as GPIO 11.
1 = C4 reconfigured as RESET2 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com