Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACBZ-01-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5585ACBZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-01-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5585ACBZ-01-R7 Datasheet HTML 31Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 34Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 35Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 36Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 37Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 38Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 35 of 40
Bit(s)
Bit Name
Access
Description
5
R4_ EXTEND_CFG
Read/write
0 = R4 remains configured as GPIO 5.
1 = R4 reconfigured as RESET1 output.
4
N/A
Reserved.
3 to 2
R3_EXTEND_CFG[1:0]
Read/write
00 = R3 remains configured as GPIO 4.
01 = R3 reconfigured as LC input for the logic block.
10 = R3 reconfigured as PWM_OUT output from PWM block.
11 = unused.
1
N/A
Reserved.
0
R0_ EXTEND_CFG
Read/write
0 = R0 remains configured as GPIO 1.
1 = R0 reconfigured as LY output from the logic block.
GENERAL_CFG Register 0x3B
Table 67. GENERAL_CFG Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
OSC_EN
Read/write
0 = disable internal 1 MHz oscillator.
1 = enable internal 1 MHz oscillator.
6
to 5
OSC_FREQ[1:0]
Read/write
Sets the input clock frequency fed from the base 1 MHz oscillator to the digital
core. Slower frequencies result in less quiescent current, but key and GPI scan
times increase.
00 = 50 kHz.
01 = 100 kHz.
10 = 200 kHz.
11 = 500 kHz.
4
to 2
N/A
Reserved.
1
INT_CFG
Read/write
Configure the behavior of the INT pin if the user tries to clear it while an interrupt
is pending.
0 = INT pin remains asserted if an interrupt is pending.
1 = INT pin deasserts for 50 µs and reasserts if an interrupt is pending.
0
RST_CFG
R/W
Configure the response ADP5585 has to the RST pin.
0 = ADP5585 resets if RST is low.
1 = ADP5585 does not reset if RST is low.
INT_EN Register 0x3C
Table 68. INT_EN Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
LOGIC_IEN
Read/write
0 = Logic 1 interrupt is disabled.
1 = assert the INT pin if LOGIC_INT is set.
3
N/A
Reserved.
2
OVRFLOW_IEN
Read/write
0 = overflow interrupt is disabled.
1 = assert the INT pin if OVRFLOW_INT is set.
1
GPI_IEN
Read/write
0 = GPI interrupt is disabled.
1 = assert the INT pin if GPI_INT is set.
0
EVENT_IEN
Read/write
0 = event interrupt is disabled.
1 = assert the INT pin if EVENT_INT is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com