Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5587ACBZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5587ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP5587
Data Sheet
Rev. E | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
R2
R3
R4
R5
R6
R7
C4
NOTES
1. EXPOSED PAD. THE EXPOSED PAD
MUST BE CONNECTED TO GROUND.
C5
C6
C7
C8
C9
ADP5587
TOP VIEW
(Not to Scale)
Figure 3. LFCSP Pin Configuration
INT
RST
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
D
E
23
4
BALL A1
CORNER
C6
C1
R2
R7
VCC
C7
C2
NC
R6
SDA
C8C3R1
R5
SCL
C9C4R0
R4
GND
C5
C0
R3
NOTES
1. NC = NO CONNECT.
5
Figure 4. WLCSP Pin Configuration
Table 8. Pin Function Descriptions
LFCSP
Pin No.
WLCSP
Pin No.
Mnemonic
Description
1
A5
R7
GPIO, Row 7 in the Keypad Matrix.
2
B5
R6
GPIO, Row 6 in the Keypad Matrix.
3
C5
R5
GPIO, Row 5 in the Keypad Matrix.
4
D5
R4
GPIO, Row 4 in the Keypad Matrix.
5
E5
R3
GPIO, Row 3 in the Keypad Matrix.
6
A4
R2
GPIO, Row 2 in the Keypad Matrix.
N/A
B4
N/A
No Connect (NC)
7
C4
R1
GPIO, Row 1 in the Keypad Matrix.
8
D4
R0
GPIO, Row 0 in the Keypad Matrix.
9
E4
C0
GPIO, Column 0 in the Keypad Matrix.
10
A3
C1
GPIO, Column 1 in the Keypad Matrix.
11
B3
C2
GPIO, Column 2 in the Keypad Matrix.
12
C3
C3
GPIO, Column 3 in the Keypad Matrix.
13
D3
C4
GPIO, Column 4 in the Keypad Matrix.
14
E3
C5
GPIO, Column 5 in the Keypad Matrix.
15
A2
C6
GPIO, Column 6 in the Keypad Matrix.
16
B2
C7
GPIO, Column 7 in the Keypad Matrix.
17
C2
C8
GPIO, Column 8 in the Keypad Matrix.
18
D2
C9
GPIO, Column 9 in the Keypad Matrix.
19
E2
GND
Ground.
20
A1
RST
Hardware Reset (Active Low). This pin resets the device to the power default conditions. The reset
pin must be driven low for a minimum of 50 μs to be valid and to prevent false resets due to ESD
glitches or noise in the system. If not used, RST must be tied high with a pull-up resistor.
21
B1
VCC
Supply Voltage, 1.65 V to 3.6 V.
22
C1
SDA
I2C Serial Data. The open drain requires an external pull-up resistor.
23
D1
SCL
I2C Clock.
24
E1
INT
Processor Interrupt, Active Low, Open Drain. This pin can be pulled up to 2.7 V or 1.8 V for selection
flexibility in the processor GPIO supply group.
EP
N/A
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com