Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5587ACBZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5587ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP5587
Rev. E | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise specified.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VCC AT 1.8V
VCC AT 3.0V
Figure 5. Standby (ICC) Current vs. Temperature
140
120
100
80
60
40
20
0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VCC AT 1.8V
VCC AT 3.0V
Figure 6. Input/Output VOH vs. Temperature (Source Current = 1 mA)
60
50
40
30
20
10
0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VCC AT 1.8V
VCC AT 3.0V
Figure 7. Input/Output VOL vs. Temperature (Sink Current = 1 mA)
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
SUPPLY VOLTAGE (V)
Figure 8. Supply Voltage vs. Standby Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com