Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587ACBZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5587ACBZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587ACBZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5587ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP5587
Rev. E | Page 21 of 24
APPLICATIONS INFORMATION
CONTROL
REGISTERS
HOST
PROCESSOR
CONTROL
INTERFACE
C9
C8
ENABLE 2 (GPO)
BACKLIGHT
ENABLE (GPO)
A0
A1
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
C0
C1
C2
C3
C4
C5
C6
C7
D0
D1
D2
D3
D4
D5
D6
D7
E0
E1
E2
E3
E4
E5
E6
E7
F0
F1
F2
F3
F4
F5
F6
F7
G0
G1
G2
G3
G4
G5
G6
G7
H0
H1
H2
H3
H4
H5
H6
H7
I0
I1
I2
I3
I4
I5
I6
I7
J0
J1
J2
J3
J4
J5
J6
J7
SCL
SDA
VCC
GND
VCC
SCL
GPI1
GPI2
SDA
RST
INT
19
21
23
22
18
17
20
24
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
VCC
BACKLIGHT
DRIVER
PWM OUTPUT
ADP5587
VCC
RST
INT
Figure 19. ADP5587 Detailed Application Block Diagram
APPLICATIONS OVERVIEW
The ADP5587 is designed to complement host processors in
a variety of ways. Its versatility makes it the ideal solution for
mobile platforms that require extended keypads and GPIO
expanders. The programmable registers give the designer the
flexibility to configure any or all of its GPIOs in a variety of
ways. Figure 19 shows a detailed application diagram.
KEYPAD CURRENT
Keypad current drain varies based on how many keys and how
many rows and columns are pressed during multiple key
presses. Table 34 shows the typical current drain for a single key
press and for two key presses.
Table 34. Typical Current Drain
Number of Key Presses
Conditions1
Typical
Unit
1
VCC = 1.8 V to 3.0 V
55
μA
2
VCC = 1.8 V to 3.0 V
100
μA
1
TA = TJ = −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com