Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0424 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0424
Description  High-Gain Broadband RF Amplifier 600MHz to 5000MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0424 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0424 Datasheet HTML 9Page - Renesas Technology Corp F0424 Datasheet HTML 10Page - Renesas Technology Corp F0424 Datasheet HTML 11Page - Renesas Technology Corp F0424 Datasheet HTML 12Page - Renesas Technology Corp F0424 Datasheet HTML 13Page - Renesas Technology Corp F0424 Datasheet HTML 14Page - Renesas Technology Corp F0424 Datasheet HTML 15Page - Renesas Technology Corp F0424 Datasheet HTML 16Page - Renesas Technology Corp F0424 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2020 Renesas Electronics Corporation
13
February 13, 2020
F0424 Datasheet
Figure 21. Gain Compression versus
Temperature (5V, 3.5GHz, 70mA)
Figure 22. Phase Compression versus
Temperature (5V, 3.5GHz, 70mA)
Figure 23. Gain Compression versus
Temperature (5V, 4.1GHz, 70mA)
Figure 24. Phase Compression versus
Temperature (5V, 4.1GHz, 70mA)
Figure 25. Gain Compression versus
Temperature (3.3V, 2.6GHz, 70mA)
Figure 26. Phase Compression versus
Temperature (3.3V, 2.6GHz, 70mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com