Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0424 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0424
Description  High-Gain Broadband RF Amplifier 600MHz to 5000MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0424 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0424 Datasheet HTML 16Page - Renesas Technology Corp F0424 Datasheet HTML 17Page - Renesas Technology Corp F0424 Datasheet HTML 18Page - Renesas Technology Corp F0424 Datasheet HTML 19Page - Renesas Technology Corp F0424 Datasheet HTML 20Page - Renesas Technology Corp F0424 Datasheet HTML 21Page - Renesas Technology Corp F0424 Datasheet HTML 22Page - Renesas Technology Corp F0424 Datasheet HTML 23Page - Renesas Technology Corp F0424 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2020 Renesas Electronics Corporation
21
February 13, 2020
F0424 Datasheet
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
https://www.idt.com/document/psc/8-dfn-package-outline-drawing-20-x-20-x-075-mm-body-05mm-pitch-epad-08-x-160-mm-ntg8p2
Marking Diagram
0424
YW**
Line 1 – 0424 = abbreviated the part number.
Line 2 – Y = Year code, last digit of production year (“8” would correspond to 2018).
Line 2 – W = Work week code (“W” corresponds to week 30).
Line 2 - ** = Sequential alphanumeric for lot traceability.
Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Carrier Type
Temperature
F0424NTGK
F0424 High-Gain Broadband RF Amplifier,
2.0 × 2.0 × 0.75 mm 8-DFN (NTG8P2)
1
Tray
-40°C to +105°C
F0424NTGK8
F0424 High-Gain Broadband RF Amplifier,
2.0 × 2.0 × 0.75 mm 8-DFN (NTG8P2)
1
Reel
-40°C to +105°C
F0424EVBK
Evaluation Board
Revision History
Revision Date
Description of Change
February 13, 2020
Completed stylistic changes; no technical updates
February 7, 2020
Frequency expansion up to 5000MHz and specifications added to spec table at 4.9GHz
March 7, 2019
Added simplified application circuit.
Updated datasheet format
May 5, 2018
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com