Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW60N03AS-R Datasheet(PDF) 6 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW60N03AS-R
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW60N03AS-R Datasheet(HTML) 6 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW60N03AS-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
YFW60N03AT/AF/AS
6 / 6
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
Package Outline Dimensions Millimeters
TO-263
Dim.
Min.
Max.
A
10.1
10.2
B
7.4
7.6
C
1.3
1.5
D
0.55
0.75
E
5.0
6.0
F
1.4
1.6
G
0.78
0.86
H
1.2
1.3
I
Typ2.54
J
8.4
8.6
K
4.45
4.55
L
1.25
1.35
M
0.02
0.1
N
2.4
2.8
O
0.36
0.40
All Dimensions in millimeter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com