Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW60N03AS-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW60N03AS-R
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW60N03AS-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW60N03AS-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.yfwdiode.com
30V N-CHANNEL ENHANCEMENT MODE
MAIN CHARACTERISTICS
ID
VDSS
RDSON-typ(@VGS=10V)
<8.5
Application
BLDC
Wireless impact
Mobile phone fast charging
Product Specification Classification
Part Number
YFW60N03AT
YFW60N03AF
YFW60N03AS-R
Maximum Ratings at Tc=25°C unless otherwise specified
Characteristics
Drain-Source Voltage
Gate - Source Voltage
Continuous Drain Current, VGS @ 10V
1 @T
C=25℃
Continuous Drain Current, VGS @ 10V
1@T
C=100℃
Pulsed Drain Current
2
Single Pulse Avalanche Energy
3
Avalanche Current
Total Power Dissipation
4 @T
C=25℃
Storage Temperature Range
Operating Junction Temperature Range
Thermal Resistance, Junction-to-Ambient
1
Thermal Resistance Junction-Case
1
YFW
1 / 6
GuangDong
CHANNEL ENHANCEMENT MODE MOSFET
60A
30V
8.5mΩ(Type:6.0 mΩ)
Product Specification Classification
Package
Marking
TO-220AB
YFW 60N03AT XXXXX
TO-220F
YFW 60N03AF XXXXX
TO-263
YFW 60N03AS XXXXX
=25°C unless otherwise specified
Symbols
Value
VDS
30
VGS
±20
ID
60
ID
40
IDM
92
EAS
57.8
IAS
34
PD
29
TSTG
-55 to +1
TJ
-55 to +1
RθJA
62
RθJC
4.32
TO-220AB
TO
YFW60N03AT/AF/AS
GuangDong YFW Electronics Co, Ltd.
Pack
1000PCS/Tape
1000PCS/Tape
800PCS/Tube
Value
Units
V
20
V
A
A
A
57.8
mJ
A
W
55 to +150
°C
55 to +150
°C
°C/W
.32
°C/W
220AB
TO-220F
TO-263


Similar Part No. - YFW60N03AS-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW60N03AD YFWDIODE-YFW60N03AD Datasheet
1Mb / 5P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

Similar Description - YFW60N03AS-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com