Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YFW60N03AS-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW60N03AS-R
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW60N03AS-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW60N03AS-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW60N03AS-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
YFW60N03AT/AF/AS
2 / 6
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
Maximum Ratings at Tc=25°C unless otherwise specified
Characteristics
Test Condition
Symbols
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
BVDSS
30
33
-
V
Static Drain-Source On-Resistance
2
VGS=10V, ID=12A
RDS(ON)
-
6.0
8.5
mΩ
VGS=4.5V, ID=10A
-
8.0
13
Gate -Threshold Voltage
VDS=VGS, ID=250uA
VGS(th)
1.0
1.6
2.5
V
VGS(th) Temperature Coefficient
△VGS(th)
-
-5.8
-
mV/°C
Drain -Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
IDSS
-
-
1
μA
VDS=24V , VGS=0V , TJ=55℃
-
-
5
Gate-Source Leakage Current
VGS=±20V, VDS=0V
IGSS
-
-
±100
nA
Forward Transconductance
VDS=5V, ID=15A
gFS
-
9.8
-
S
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
Rg
-
1.7
-
Ω
Total Gate Charge(4.5V)
VDS=20V
VGS=4.5V
ID=12A
Qg
-
12.8
-
nC
Gate-Source Charge
Qgs
-
3.3
-
Gate-Drain Charge
Qgd
-
6.5
-
Turn-on delay time
VDD=12 V
VGS=10V
RG=3.3Ω
ID=5A
td(on)
-
4.5
-
ns
Rise Time
Tr
-
10.8
-
Turn-Off Delay Time
td(OFF)
-
25.5
-
Fall Time
tf
-
9.6
-
Input Capacitance
VDS=15V
VGS=0V
f=1.0MHz
Ciss
-
1317
-
PF
Output Capacitance
Coss
-
163
-
Reverse Transfer Capacitance
Crss
-
131
-
Continuous Source Current
1,5
VG=VD=0V , Force Current
IS
-
-
46
A
Pulsed Source Current
2,5
ISM
-
-
92
A
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
VSD
-
-
1
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=34A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com