Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493TA Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # FMMT493TA
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FMMT493TA Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button FMMT493TA Datasheet HTML 33Page - Infineon Technologies AG FMMT493TA Datasheet HTML 34Page - Infineon Technologies AG FMMT493TA Datasheet HTML 35Page - Infineon Technologies AG FMMT493TA Datasheet HTML 36Page - Infineon Technologies AG FMMT493TA Datasheet HTML 37Page - Infineon Technologies AG FMMT493TA Datasheet HTML 38Page - Infineon Technologies AG FMMT493TA Datasheet HTML 39Page - Infineon Technologies AG FMMT493TA Datasheet HTML 40Page - Infineon Technologies AG FMMT493TA Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
User Manual
38 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty
Part description
Designator Part number
Manufacturer
55
1
RES SMD 2kΩ 1% 1/8W 0805
R39
RC0805FR-072KL
Yageo
56
2
RES SMD 200 Ω 5% 3/4W 2010
R40, R41
RC2010JK-07200RL
Yageo
57
2
RES SMD 100kΩ 5% 1W 2512
R43, R44
RC2512JK-07100KL
Yageo
58
1
RES SMD 10kΩ 5% 1/8W 0805
R45
RC0805JR-0710KL
Yageo
59
1
RELAY GEN PURPOSE SPST 20A
RLY1
G4A-1A-PE DC12
Omron Electronics Inc-
EMC Div
60
1
RES SMD 0.03Ω 1% 2W 2512 wide
RS1
FC4L64R030FER
Ohmite
61
1
RES SMD 0.03Ω 1% 2W 2512 wide
RS2
FC4L64R030FER
Ohmite
62
1
NTC thermistors for inrush
RT1
NTC5D-20
Veteng Electronic
63
1
RECT BRIDGE GPP 600V 25A GBJ
U1
GBJ2506-F
Diodes Incorporated
64
1
IC COMPARATOR VOLT SGL
SOT23-5
U2
LM397MF/NOPB
Texas Instruments
65
1
IC DRIVER LOW SIDE 1.5A SOT23-5
U3
IRS44273LTRPBF
Infineon Technologies
66
1
IFPS MODULES 24MDIP
U4
IFCM15P60GDXKMA
1
Infineon Technologies
67
1
IC OFFLINE SWIT OCP 8SOIC
U5
LNK306DN
Power Integrations
68
1
IC REG LINEAR 3.3V 1A SOT223-4
U6
IFX1117MEV33HTMA
1
Infineon Technologies
69
1
DIODE ZENER 10V 500mW SOD123 ZD1
BZT52C10-7-F
Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com