Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493TA Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FMMT493TA
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FMMT493TA Datasheet(HTML) 1 Page - Infineon Technologies AG

  FMMT493TA Datasheet HTML 1Page - Infineon Technologies AG FMMT493TA Datasheet HTML 2Page - Infineon Technologies AG FMMT493TA Datasheet HTML 3Page - Infineon Technologies AG FMMT493TA Datasheet HTML 4Page - Infineon Technologies AG FMMT493TA Datasheet HTML 5Page - Infineon Technologies AG FMMT493TA Datasheet HTML 6Page - Infineon Technologies AG FMMT493TA Datasheet HTML 7Page - Infineon Technologies AG FMMT493TA Datasheet HTML 8Page - Infineon Technologies AG FMMT493TA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
User Manual
Please read the Important Notice and Warnings at the end of this document
Revision 1.4
www.infineon.com
page 1 of 41
2019-10-11
AN2017-15 EVAL-M3-CM615PN User Manual
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
About this document
Scope and purpose
This user manual provides an overview of the evaluation board Eval-M3-CM615PN including its main features,
key data, pin assignments and mechanical dimensions.
Eval-M3-CM615PN is an evaluation board as part of the iMOTION™ Modular Application Design Kit. This power
board includes a PFC integrated 3-phase CIPOS™ Mini Intelligent Power Module (IPM) for motor drive
application. In combination with the control board equipped with the M3 30pin interface connector such as
EVAL-M3-102T, it features and demonstrates Infineon’s CIPOS™ Mini IPM technology and Advanced Motion
Control Engine (MCE 2.0) technology for permanent magnet motors drive over the full speed range.
The inverter section has 600V of voltage and 15A of current rating, and the PFC section has 650V of voltage and
30A of current rating. It is optimized to major home appliances like air conditioners and low power motor dirve
application with high frequency switching operation of power factor correction.
This evaluation board Eval-M3-CM615PN was developed to support customers during their first steps designing
applications with CIPOS™ Mini PFC integrated IPM IFCM15P60GD and running any permanent magnet motor via
sensorless sinusoidal control.
Intended audience
This user manual is intended for all technical specialists who know motor control and high power electronics
converter and this board is intended to be used under laboratory conditions.
Table of contents
About this document....................................................................................................................... 1
Table of contents............................................................................................................................ 1
1
Safety precautions ................................................................................................................. 3
2
Introduction .......................................................................................................................... 4
3
EVAL-M3-CM615PN main features ............................................................................................ 6
3.1
EVAL-M3- CM615PN board specifications...............................................................................................7
3.2
Pin assignment........................................................................................................................................9
4
Getting Started with EVAL-M3-CM615PN..................................................................................11
4.1
Setting up the system............................................................................................................................11
4.2
iMOTION™ development tools and software .......................................................................................13
4.2.1
MCEWizard setup overview..............................................................................................................13
4.2.2
MCEDesigner setup overview ..........................................................................................................15
5
Hardware description of EVAL-M3-CM615PN ............................................................................17
5.1
Boost PFC section using CIPOS™ mini IPM...........................................................................................17
5.1.1
AC Voltage sensing and MCEWizard configuration .........................................................................17
5.1.2
Hardware Modification for AC Voltage sensing to work with IRMCF188........................................19
5.1.3
PFC External Current feedback configuration and calculation......................................................19
5.1.4
PFC Overcurrent protection circuit and PFC Gatekill configuration..............................................20


Similar Part No. - FMMT493TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
logo
Infineon Technologies A...
FMMT493TA INFINEON-FMMT493TA Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
More results

Similar Description - FMMT493TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com