Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493TA Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # FMMT493TA
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FMMT493TA Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button FMMT493TA Datasheet HTML 16Page - Infineon Technologies AG FMMT493TA Datasheet HTML 17Page - Infineon Technologies AG FMMT493TA Datasheet HTML 18Page - Infineon Technologies AG FMMT493TA Datasheet HTML 19Page - Infineon Technologies AG FMMT493TA Datasheet HTML 20Page - Infineon Technologies AG FMMT493TA Datasheet HTML 21Page - Infineon Technologies AG FMMT493TA Datasheet HTML 22Page - Infineon Technologies AG FMMT493TA Datasheet HTML 23Page - Infineon Technologies AG FMMT493TA Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
User Manual
20 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
Based on this calculation, the current input for the MADK combination of EVAL-M3-102T and EVAL-M3-CM615PN
is 27.69 mV/A. Please use same procedure to calculate the current input for other combinations of MADK boards
and enter it into MCEWizard.
5.1.4
PFC Overcurrent protection circuit and PFC Gatekill configuration
PFC protection circuit for EVAL-M3-CM615PN as shown in Figure 16, but the left side of RS1 is negative. If the
bus current Ibus is larger than the setting value, the output PFCGK of U2 will be trigger low and be active.
Figure 16 PFC protection Circuit on the EVAL-M3-CM615PN evaluation board
The PFCGK active setting current is 15.5A for EVAL-M3-CM615PN evaluation board. And the calculation formula
is as follows,
= + − + ∗
+
=( ∗ − ∗ )∗
( + )∗ ∗
Please attention that for control board EVAL-M3-102T, it doesn’t use the external PFC gatekill signal PFCGK.
Note: PFC Overcurrent protection circuit just generates the signal of PFCGK, and there is no more action for EVAL-
M3-CM615PN. The power board will not turn off the PFC gate driver IC if the control board doesn’t do
anything when PFCGK is active.
RS1
0.03,1W, 1%
R8
0R
R9
0R
C6
102
+3.3V
R15
10k, 1%
+3.3V
R16
4.7K
R17
1k, 1%
R11
1k, 1%
C7
102
R13
3.92k, 1%
OC set to 465mV/15.5A
PFCGK
3
1
4
U2
LM397
VCC
C39
102
To U1 pin4
GND
Ibus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com