Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6442...ALV Datasheet(PDF) 61 Page - Texas Instruments

Part # AM6442...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442...ALV Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM6442...ALV Datasheet HTML 57Page - Texas Instruments AM6442...ALV Datasheet HTML 58Page - Texas Instruments AM6442...ALV Datasheet HTML 59Page - Texas Instruments AM6442...ALV Datasheet HTML 60Page - Texas Instruments AM6442...ALV Datasheet HTML 61Page - Texas Instruments AM6442...ALV Datasheet HTML 62Page - Texas Instruments AM6442...ALV Datasheet HTML 63Page - Texas Instruments AM6442...ALV Datasheet HTML 64Page - Texas Instruments AM6442...ALV Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 244 page
background image
Table 6-5. CPSW3G0 RMII1 and RMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
RMII1_CRS_DV
I
RMII Carrier Sense / Data Valid
R2, V12
RMII1_RX_ER
I
RMII Receive Data Error
U15, W6
RMII1_TX_EN
O
RMII Transmit Enable
P5, Y13
RMII2_CRS_DV
I
RMII Carrier Sense / Data Valid
U10
RMII2_RX_ER
I
RMII Receive Data Error
W12
RMII2_TX_EN
O
RMII Transmit Enable
Y11
RMII1_RXD0
I
RMII Receive Data 0
V15, W5
RMII1_RXD1
I
RMII Receive Data 1
V14, Y5
RMII1_TXD0
O
RMII Transmit Data 0
V6, W14
RMII1_TXD1
O
RMII Transmit Data 1
AA14, V5
RMII2_RXD0
I
RMII Receive Data 0
W11
RMII2_RXD1
I
RMII Receive Data 1
V11
RMII2_TXD0
O
RMII Transmit Data 0
AA10
RMII2_TXD1
O
RMII Transmit Data 1
V10
RMII_REF_CLK (1)
I
RMII Reference Clock
AA5, U14
(1)
RMII_REF_CLK is common to both RMII1 and RMII2.
6.3.3 CPTS
6.3.3.1 MAIN Domain
Table 6-6. CP GEMAC CPTS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
CP_GEMAC_CPTS0_RFT_CLK
I
CPTS Reference Clock Input to CPSW3G0 CPTS
D18
CP_GEMAC_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output from
CPSW3G0 CPTS
E15, K18, W1
CP_GEMAC_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output from CPSW3G0
CPTS
B16, D16, K19,
U1
CP_GEMAC_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to CPSW3G0
CPTS
E14, L21, V1
CP_GEMAC_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to CPSW3G0
CPTS
E16, K21, T1
Table 6-7. CPTS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
CPTS0_RFT_CLK
I
CPTS Reference Clock Input
D18
CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output
C13, W1, W7
CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output
D14, U1, U7
CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to Time Sync
Router
C18, V1, V7
CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to Time Sync
Router
B19, T1, U13
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0 Output from Time
Sync Router
D18
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1 Output from Time
Sync Router
A19
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2 Output from Time
Sync Router
A17
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3 Output from Time
Sync Router
B17
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com