Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6442...ALV Datasheet(PDF) 67 Page - Texas Instruments

Part # AM6442...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442...ALV Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM6442...ALV Datasheet HTML 63Page - Texas Instruments AM6442...ALV Datasheet HTML 64Page - Texas Instruments AM6442...ALV Datasheet HTML 65Page - Texas Instruments AM6442...ALV Datasheet HTML 66Page - Texas Instruments AM6442...ALV Datasheet HTML 67Page - Texas Instruments AM6442...ALV Datasheet HTML 68Page - Texas Instruments AM6442...ALV Datasheet HTML 69Page - Texas Instruments AM6442...ALV Datasheet HTML 70Page - Texas Instruments AM6442...ALV Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 244 page
background image
Table 6-30. FSI1 TX Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
FSI_TX1_CLK
O
FSI Clock
N16
FSI_TX1_D0
O
FSI Data
P17
FSI_TX1_D1
O
FSI Data
Y18
Table 6-31. FSI2 RX Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
FSI_RX2_CLK
I
FSI Clock
T20
FSI_RX2_D0
I
FSI Data
U21
FSI_RX2_D1
I
FSI Data
T18
Table 6-32. FSI3 RX Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
FSI_RX3_CLK
I
FSI Clock
U20
FSI_RX3_D0
I
FSI Data
U18
FSI_RX3_D1
I
FSI Data
U19
Table 6-33. FSI4 RX Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
FSI_RX4_CLK
I
FSI Clock
R17
FSI_RX4_D0
I
FSI Data
V20
FSI_RX4_D1
I
FSI Data
V21
Table 6-34. FSI5 RX Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
FSI_RX5_CLK
I
FSI Clock
P16
FSI_RX5_D0
I
FSI Data
R18
FSI_RX5_D1
I
FSI Data
T21
6.3.10 GPIO
6.3.10.1 MAIN Domain
Table 6-35. GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
GPIO0_0
IO
General Purpose Input/Output
N20
GPIO0_1
IO
General Purpose Input/Output
N21
GPIO0_2
IO
General Purpose Input/Output
N19
GPIO0_3
IO
General Purpose Input/Output
M19
GPIO0_4
IO
General Purpose Input/Output
M18
GPIO0_5
IO
General Purpose Input/Output
M20
GPIO0_6
IO
General Purpose Input/Output
M21
GPIO0_7
IO
General Purpose Input/Output
P21
GPIO0_8
IO
General Purpose Input/Output
P20
GPIO0_9
IO
General Purpose Input/Output
N18
GPIO0_10
IO
General Purpose Input/Output
M17
GPIO0_11
IO
General Purpose Input/Output
L19
GPIO0_12
IO
General Purpose Input/Output
L18
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com