Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6442...ALV Datasheet(PDF) 98 Page - Texas Instruments

Part # AM6442...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442...ALV Datasheet(HTML) 98 Page - Texas Instruments

Back Button AM6442...ALV Datasheet HTML 94Page - Texas Instruments AM6442...ALV Datasheet HTML 95Page - Texas Instruments AM6442...ALV Datasheet HTML 96Page - Texas Instruments AM6442...ALV Datasheet HTML 97Page - Texas Instruments AM6442...ALV Datasheet HTML 98Page - Texas Instruments AM6442...ALV Datasheet HTML 99Page - Texas Instruments AM6442...ALV Datasheet HTML 100Page - Texas Instruments AM6442...ALV Datasheet HTML 101Page - Texas Instruments AM6442...ALV Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 244 page
background image
7 Specifications
Note
All specifications listed are preliminary and may change during device characterization.
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)(2)
PARAMETER
MIN
MAX UNIT
VDD_CORE
Core supply
-0.3
1.05
V
VDDR_CORE
RAM supply
-0.3
1.05
V
VDD_MMC0
MMC0 PHY core supply
-0.3
1.05
V
VDD_DLL_MMC0
MMC0 PLL analog supply
-0.3
1.05
V
VDDA_0P85_SERDES0
SERDES0 0.85 V analog supply
-0.3
1.05
V
VDDA_0P85_SERDES0_C
SERDES0 clock 0.85 V analog supply
-0.3
1.05
V
VDDA_0P85_USB0
USB0 0.85 V analog supply
-0.3
1.05
V
VDDS_DDR
DDR PHY IO supply
-0.3
TBD
V
VDDS_DDR_C
DDR clock IO supply
-0.3
TBD
V
VDDS_MMC0
MMC0 PHY IO supply
-0.3
2.2
V
VDDS_OSC
MCU_OSC0 supply
-0.3
2.2
V
VDDA_MCU
POR and MCU PLL analog supply
-0.3
2.2
V
VDDA_ADC0
ADC0 analog supply
-0.3
2.2
V
VDDA_PLL0
Main, PER1, and R5F PLL analog supply
-0.3
2.2
V
VDDA_PLL1
ARM and DDR PLL analog supply
-0.3
2.2
V
VDDA_PLL2
PER0 PLL analog supply
-0.3
2.2
V
VDDA_1P8_SERDES0
SERDES0 1.8 V analog supply
-0.3
2.2
V
VDDA_1P8_USB0
USB0 1.8 V analog supply
-0.3
2.2
V
VDDA_TEMP0
TEMP0 analog supply
-0.3
2.2
V
VDDA_TEMP1
TEMP1 analog supply
-0.3
2.2
V
VPP
eFuse ROM programming supply
-0.3
TBD
V
VDDSHV_MCU
IO supply for IO MCU
-0.3
3.8
V
VDDSHV0
IO supply for IO group 0
-0.3
3.8
V
VDDSHV1
IO supply for IO group 1
-0.3
3.8
V
VDDSHV2
IO supply for IO group 2
-0.3
3.8
V
VDDSHV3
IO supply for IO group 3
-0.3
3.8
V
VDDSHV4
IO supply for IO group 4
-0.3
3.8
V
VDDSHV5
IO supply for IO group 5
-0.3
3.8
V
VDDA_3P3_USB0
USB0 3.3 V analog supply
-0.3
3.8
V
VDDA_3P3_SDIO
SDIO 3.3 V analog supply
-0.3
TBD
V
Steady-state max voltage at all fail-safe IO pins
MCU_PORz
-0.3
2.2
V
MCU_I2C0_SCL, MCU_I2C0_SDA,
I2C0_SCL, I2C0_SDA, EXTINTn
-0.3
TBD
V
VMON_1P8_MCU, VMON_1P8_SOC
-0.3
2.2
V
VMON_3P3_MCU, VMON_3P3_SOC
-0.3
3.8
V
VMON_VSYS(3)
-0.3
2.2
V
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
98
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com