Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6442...ALV Datasheet(PDF) 124 Page - Texas Instruments

Part # AM6442...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442...ALV Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM6442...ALV Datasheet HTML 120Page - Texas Instruments AM6442...ALV Datasheet HTML 121Page - Texas Instruments AM6442...ALV Datasheet HTML 122Page - Texas Instruments AM6442...ALV Datasheet HTML 123Page - Texas Instruments AM6442...ALV Datasheet HTML 124Page - Texas Instruments AM6442...ALV Datasheet HTML 125Page - Texas Instruments AM6442...ALV Datasheet HTML 126Page - Texas Instruments AM6442...ALV Datasheet HTML 127Page - Texas Instruments AM6442...ALV Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 244 page
background image
7.10.4 Clock Specifications
7.10.4.1 Input Clocks / Oscillators
Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as
follows:
• MCU_OSC0_XI/MCU_OSC0_XO — Еxternal main crystal interface pins connected to the internal high-
frequency oscillator (MCU_HFOSC0), which is the default clock source for internal reference clock
MCU_HFOSC0_CLKOUT.
• General purpose clock inputs
– MCU_EXT_REFCLK0 — Optional external system clock input for MCU domain.
– EXT_REFCLK1 — Optional external system clock input for MAIN domain.
– SERDES0_REFCLK0P/N — Optional SERDES0 reference clock input for PCIe.
• External CPTS reference clock inputs
– CP_GEMAC_CPTS0_RFT_CLK — CPTS reference clock input.
– CPTS_RFT_CLK — CPTS reference clock input.
Figure 7-16 shows the external input clock sources and the output clocks to peripherals.
DEVICE
MCU_SYSCLKOUT0
Main Domain System Clock (MAIN_SYSCLK0) divided-by-4
External main crystal interface pins connected to internal oscillator
which provides reference clock to PLLs within MCU domain
and MAIN domain.
MCU Domain System Clock (MCU_SYSCLK0) divided-by-4
MCU_OSC0_XI
MCU_OSC0_XO
SYSCLKOUT0
J7ES_CLOCK_01
TCK
MCU_EXT_REFCLK0 / EXT_REFCLK1
Optional External System Clock Inputs - (MCU Domain) / (MAIN Domain)
JTAG Clock Input
CLKOUT
CPTS Reference Clock Inputs
CP_GEMAC_CPTS0_RFT_CLK / CPTS0_RFT_CLK
CP_GEMAC_CPTS0_RFT_CLK /
CPTS0_RFT_CLK
MCU_PORz
MCU_RESETz
MCU Warm Reset Input / Device Warm Reset Input
BOOTMODE[15:00]
MCU Power ON Reset / Device Power ON Reset
Boot Mode Configuration / Devices Select
DDR0_CK0/DDR0_CK0_n
DDR Differential Clock Outputs
SERDES0_REFCLK0P/N
Optional SERDES0 Reference Clock Input for PCIe
MCU_OBSCLK0 / OBSCLK0
Observation Clock Outputs for MCU Domain Clock / MAIN Domain Clocks
Reference Clock Output
Figure 7-16. Input Clocks Interface
For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the
device TRM.
7.10.4.1.1 MCU_OSC0 Internal Oscillator Clock Source
Figure 7-17 shows the recommended crystal circuit. All discrete components used to implement the oscillator
circuit should be placed as close as possible to the MCU_OSC0_XI and MCU_OSC0_XO pins.
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
124
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com