Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6442...ALV Datasheet(PDF) 166 Page - Texas Instruments

Part # AM6442...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442...ALV Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM6442...ALV Datasheet HTML 162Page - Texas Instruments AM6442...ALV Datasheet HTML 163Page - Texas Instruments AM6442...ALV Datasheet HTML 164Page - Texas Instruments AM6442...ALV Datasheet HTML 165Page - Texas Instruments AM6442...ALV Datasheet HTML 166Page - Texas Instruments AM6442...ALV Datasheet HTML 167Page - Texas Instruments AM6442...ALV Datasheet HTML 168Page - Texas Instruments AM6442...ALV Datasheet HTML 169Page - Texas Instruments AM6442...ALV Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 244 page
background image
NO.(1) (6) PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
I4
tw(SCLL)
Pulse duration, SCL low
Standard
4700
ns
Fast
1300
ns
I5
tw(SCLH)
Pulse duration, SCL high
Standard
4000
ns
Fast
600
ns
I6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
Standard
250
ns
Fast
100
(2)
ns
I7
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
Standard
0
(3)
3450
(4)
ns
Fast
0
(3)
900
(4)
ns
I8
tw(SDAH)
Pulse duration, SDA high between STOP and START
conditions
Standard
4700
ns
Fast
1300
ns
I9
tr(SDA)
Rise time, SDA
Standard
1000
ns
Fast
20*(Vdd/
5.5V)
(5)(7)
300
(3)(7)
ns
I10
tr(SCL)
Rise time, SCL
Standard
1000
ns
Fast
20*(Vdd/
5.5V)
(5)(7)
300
(3)(7)
ns
I11
tf(SDA)
Fall time, SDA
Standard
300
ns
Fast
20*(Vdd/
5.5V)
(5)(7)
300
(3)(7)
ns
I12
tf(SCL)
Fall time, SCL
Standard
300
ns
Fast
20*(Vdd/
5.5V)
300
ns
I13
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for STOP condition)
Standard
4000
ns
Fast
600
ns
I14
tw(SP)
Pulse duration, spike (must be supressed)
Standard
ns
Fast
0
50
ns
I15
tskew
Skew
Standard
3
ns
Fast
3
ns
I16
Cb
Capacitive load for each bus line
Standard
400
pF
Fast
400
pF
(1)
The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the devive is powered
down.
(2)
A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)≥ 250 ns must then be
met. This will automatically be the case if the device does not stretch the low period of the SCL signal. If such a device does stretch the
low period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH)= 1000 + 250 = 1250 ns (according to
the Standard-mode I2C-Bus Specification) before the SCL line is released.
(3)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4)
The maximum th(SDA-SCLL) has only to be met if the device does not stretch the low period [tw(SCLL)] of the SCL signal.
(5)
Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed
(6)
Software must properly configure the I2C module registers to achieve the timings shown in this table. See the device TRM for details.
(7)
These timings apply only to I2C0 and MCU_I2C0. I2C[3:1] and MCU_I2C1 use standard LVCMOS buffers to emulate open-drain
buffers and their rise/fall times should be referenced in the device IBIS model.
Table 7-59. Timing Requirements for I2C HS–Mode
NO.
PARAMETER
DESCRIPTION
CAPACITANCE
MIN
MAX
UNIT
I1
tc(SCL)
Cycle time, SCL
100 pF Max
294
ns
400 pF Max
588
ns
I2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a
repeated START condition)
100 pF Max
160
ns
400 pF Max
160
ns
I3
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a START
and a repeated START condition)
100 pF Max
160
ns
400 pF Max
160
ns
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
166
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com