Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL-Q5MB2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # TL-Q5MB2
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MB2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button TL-Q5MB2 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 9Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 10Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 11Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TL-N/TL-Q
8
Model
Operation
mode
Output
configuration
Timing chart
Output circuit
TL-Q2MC1
TL-Q5MC1
NO
DC 3-wire,
NPN
TL-Q5MC2
NC
TL-Q5MB1
NO
DC 3-wire,
PNP
TL-N5ME1
TL-N10ME1
TL-N20ME1
NO
DC 3-wire,
NPN
TL-N5ME2
TL-N10ME2
TL-N20ME2
NC
TL-N10MF1
NO
DC 3-wire,
PNP
TL-N5MY1
TL-N10MY1
TL-N20MY1
NO
AC 2-wire
TL-N5MY2
TL-N10MY2
TL-N20MY2
NC
Present
Not present
ON
OFF
ON
OFF
Output transistor
(load)
Sensing object
Detection indicator
(red)
100
Ω
0 V
+V
*
Load
Brown
Black
Output
Blue
Proximity
Sensor
main
circuit
* Load current: 100 mA max., TL-Q2MC1
Load current: 50 mA max., TL-Q5MC1
Present
Not present
ON
OFF
ON
OFF
Output transistor
(load)
Sensing object
Detection indicator
(red)
Present
Not present
ON
OFF
ON
OFF
Output transistor
(load)
Sensing object
Detection indicator
(red)
Brown
Black
Output *
Proximity
Sensor
main
circuit
Load
0 V
Blue
+V
* Load current: 50 mA max.
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between brown
and black leads)
Sensing object
Detection indicator (red)
Output voltage (between
black and blue leads)
2.2
Ω
4.7 k
Ω
100
Ω
0 V
Tr
+V
*1
Load
Brown
Black
*1. Load current: 200 mA max.
*2. When a transistor is connected.
Output
*2
Blue
Proximity
Sensor
main
circuit
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between brown
and black leads)
Sensing object
Detection indicator (red)
Output voltage (between
black and blue leads)
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between black
and blue leads)
Sensing object
Detection indicator (red)
Output voltage (between
brown and black leads)
Blue
0 V
Brown
Load
Black
Output
*1
*1. Load current: 200 mA max.
*2. When a transistor is connected.
Proximity
Sensor
main
circuit
2.2
Ω
4.7 k
Ω
100
Ω
+V
*2
Tr
Present
Not present
Operate
Reset
ON
OFF
Load
Sensing object
Operation indicator (red)
Brown
Blue
Load
Proximity
Sensor
main
circuit
Present
Not present
Operate
Reset
ON
OFF
Load
Sensing object
Operation indicator (red)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com