Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL-Q5MB2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # TL-Q5MB2
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MB2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  TL-Q5MB2 Datasheet HTML 1Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 2Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 3Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
TL-N/TL-Q
DC 3-Wire Models
* The response frequency is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and
a set distance of half the sensing distance.
Item
Model
TL-Q2MC1
TL-Q5MC
@/TL-Q5MB1
Sensing
distance
2 mm
±15%
5 mm
±10%
Set distance
0 to 1.5 mm
0 to 4 mm
Differential travel
10% max. of sensing distance
Detectable object
Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on page 6.)
Standard
sensing object
Iron, 8
× 8 × 1 mm
Iron, 15
× 15 × 1 mm
Response time
---
2 ms max.
Response
frequency *
500 Hz
Power supply volt-
age (operating volt-
age range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Current
consumption
15 mA max. at 24 VDC (no-load)
10 mA max. at 24 VDC
Control
output
Load
current
NPN open collector
100 mA max. at 30 VDC max.
TL-Q5MC
@: NPN open collector,
50 mA max. at 30 VDC max.
TL-Q5MB
@: PNP open collector,
50 mA max. at 30 VDC max.
Residual
voltage
1 V max. (under load current of 100 mA with cable length of
2 m)
1 V max. (under load current of 50 mA with cable length of
2 m)
Indicators
Detection indicator (red)
Operation mode
(with sensing object
approaching)
NO
B1/C1 Models: NO
C2 Models: NC
Refer to the timing charts under DC 3-Wire Models on page 7 for details.
Protection
circuits
Reverse polarity protection, Surge suppressor
Ambient
temperature range
Operating/Storage:
−10 to 60°C (with no icing or condensa-
tion)
Operating/Storage:
−25 to 70°C (with no icing or condensa-
tion)
Ambient
humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
±10% max. of sensing distance at 23°C in the temperature
range of
−10 to 60°C
±20% max. of sensing distance at 23°C in the temperature
range of
−25 to 70°C
Voltage
influence
±2.5% max. of sensing distance at rated voltage in rated voltage ±10% range
Insulation
resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts
and case
5 M
Ω min. (at 500 VDC) between current-carrying parts and
case
Dielectric strength
1,000 VAC for 1 min between current-carrying parts and
case
500 VAC, 50/60 Hz for 1 min between current-carrying parts
and case
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 1,000 m/s2 10 times each in X, Y, and Z direc-
tions
Destruction: 200 m/s2 10 times each in X, Y, and Z direc-
tions
Degree of
protection
IEC 60529 IP67,
in-house standards: oil-resistant
IEC IP67
Connection
method
Pre-wired Models (Standard cable length: 2 m)
Weight
(packed state)
Approx. 60 g
Approx. 90 g
Materi-
als
Case
Heat-resistant ABS
Sensing
surface
Accessories
Instruction manual
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com